Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 31Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 32Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AR0130CS
www.onsemi.com
29
Table 9. I/O TIMING CHARACTERISTICS (2.8 V VDD_IO) (Note 8)
Conditions: fPIXCLK = 74.25 MHz (720 P 60 fps) VDD_IO = 2.8 V;
Slew Rate Setting = 4 for PIXCLK; Slew Rate Setting = 7 for Parallel Ports
Symbol
Unit
Max
Typ
Min
Condition
Definition
Input Clock Duty Cycle
45
50
55
%
tJITTER
(Note 9)
Input Clock Jitter at
27 MHz
−
600
−
ps
tcp
EXTCLK to PIXCLK
Propagation Delay
Nominal Voltages, PLL Disabled,
PIXCLK Slew Rate = 4
12
−
20
ns
fPIXCLK
PIXCLK Frequency
(Note 9)
6
−
74.25
MHz
tRP
PIXCLK Rise Time
Slew Rate Setting = 4
1.60
2.70
7.50
ns
tFP
PIXCLK Fall Time
Slew Rate Setting = 4
1.50
2.60
7.20
ns
PIXCLK Duty Cycle
45
50
55
%
tPIXJITTER Jitter on PIXCLK
−
1
−
ns
tPD
PIXCLK to Data[11:0]
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−2.5
−
3.5
ns
tPFH
PIXCLK to FV HIGH
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−2.5
−
0.5
ns
tPLH
PIXCLK to LV HIGH
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−3.0
−
0.0
ns
tPFL
PIXCLK to FV LOW
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−2.5
−
0.5
ns
tPLL
PIXCLK to LV LOW
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−3.0
−
0.0
ns
CLOAD
Output Load
Capacitance
−
10
−
pF
CIN
Input Pin Capacitance
−
2.5
−
pF
8. Minimum and maximum values are for the spec limits: 3.1 V, −30°C and 2.50 V, 70°C. All values are taken at the 50% transition point.
9. Jitter from PIXCLK is already taken into account as the data of all the output parameters.
Table 10. I/O TIMING CHARACTERISTICS (1.8 V VDD_IO) (Note 10)
Conditions: fPIXCLK = 74.25 MHz (720 P 60 fps) VDD_IO = 1.8 V;
Slew Rate Setting = 4 for PIXCLK; Slew Rate Setting = 7 for Parallel Ports
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK
Input Clock Frequency
PLL Enabled
6
−
50
MHz
tEXTCLK
Input Clock Period
PLL Enabled
20
−
166
ns
tR
Input Clock Rise Time
−
3
−
ns
tF
Input Clock Fall Time
−
3
−
ns
Input Clock Duty Cycle
45
50
55
%
tJITTER
(Note 11)
Input Clock Jitter at
27 MHz
−
600
−
ps
tcp
EXTCLK to PIXCLK
Propagation Delay
Nominal Voltages, PLL Disabled,
Slew Setting = 4
12
−
20
ns
fPIXCLK
PIXCLK Frequency
(Note 11)
6
74.25
MHz
tRP
Pixel Rise Time
Slew Rate Setting = 4
2.50
4.30
7.10
ns
tFP
Pixel Fall Time
Slew Rate Setting = 4
2.20
3.80
6.50
ns
PIXCLK Duty Cycle
PLL Enabled
45
50
55
%
tPIXJITTER Jitter on PIXCLK
−
1
−
ns
tPD
PIXCLK to Data Valid
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−4.5
−
2.0
ns
tPFH
PIXCLK to FV HIGH
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−4.0
−
−0.5
ns
tPLH
PIXCLK to LV HIGH
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−4.0
−
−0.5
ns
10.Minimum and maximum values are are for the spec limits: 1.95 V, −30°C and 1.70 V, 70°C. All values are taken at the 50% transition point.
11. Jitter from PIXCLK is already taken into account as the data of all the output parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com