Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF50 120R. Datasheet(PDF) 15 Page - Multicomp Pro

Part # MF50 120R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 120R. Datasheet(HTML) 15 Page - Multicomp Pro

Back Button MF50 120R. Datasheet HTML 11Page - Multicomp Pro MF50 120R. Datasheet HTML 12Page - Multicomp Pro MF50 120R. Datasheet HTML 13Page - Multicomp Pro MF50 120R. Datasheet HTML 14Page - Multicomp Pro MF50 120R. Datasheet HTML 15Page - Multicomp Pro MF50 120R. Datasheet HTML 16Page - Multicomp Pro MF50 120R. Datasheet HTML 17Page - Multicomp Pro MF50 120R. Datasheet HTML 18Page - Multicomp Pro MF50 120R. Datasheet HTML 19Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Page <15>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 250mW 1% 39R
MF25 39R
Resistor, 3K, 250mW, 1%
MF25 3K
Resistor, 3.3K, 250mW, 1%
MF25 3K3
Resistor, 250mW 1% 3K6
MF25 3K6
Resistor, 250mW 1% 3K6
MF25 3K6.
Resistor, 3.9K, 250mW, 1%
MF25 3K9
Resistor, 250mW 1% 3R3
MF25 3R3
Resistor, 250mW 1% 430K
MF25 430K
Resistor, 250mW 1% 430K
MF25 430K.
Resistor, 250mW 1% 430R
MF25 430R
Resistor, 250mW 1% 43K
MF25 43K
Resistor, 250mW 1% 43K
MF25 43K.
Resistor, 250mW 1% 43R
MF25 43R
Resistor, 470K, 250mW, 1%
MF25 470K
Resistor, 250mW 1% 470K
MF25 470K.
Resistor, 470R, 250mW, 1%
MF25 470R
Resistor, 250mW 1% 470R
MF25 470R.
Resistor, 47K, 250mW, 1%
MF25 47K
Resistor, 47R, 250mW, 1%
MF25 47R
Resistor, 250mW 1% 4K3
MF25 4K3
Resistor, 4.7K, 250mW, 1%
MF25 4K7
Resistor, 250mW 1% 4K7
MF25 4K7.
Resistor, 250mW 1% 4R7
MF25 4R7
Resistor, 250mW 1% 510K
MF25 510K
Resistor, 250mW 1% 510K
MF25 510K.
Resistor, 510R, 250mW, 1%
MF25 510R
Resistor, 250mW 1% 51K
MF25 51K
Resistor, 250mW 1% 51R
MF25 51R
Resistor, 250mW 1% 560K
MF25 560K
Resistor, 250mW 1% 560K
MF25 560K.
Resistor, 560R, 250mW, 1%
MF25 560R
Resistor, 250mW 1% 56K
MF25 56K
Resistor, 250mW 1% 56R
MF25 56R
Resistor, 5.1K, 250mW, 1%
MF25 5K1
Resistor, 5.6K, 250mW, 1%
MF25 5K6
Resistor, 250mW 1% 5K6
MF25 5K6.
Resistor, 250mW 1% 620K
MF25 620K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com