Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RELIOR2 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # RELIOR2
Description  Solid-State, Compact Industrial Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

RELIOR2 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  RELIOR2 Datasheet HTML 1Page - Sealevel Systems, Inc. RELIOR2 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Relio R2
Solid-State,CompactIndustrialComputer
™
Versatile Mounting Options
RelioR2Dimensions
Specifications
sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
Relio R2 Front View
Relio R2 Top View
4.744
6.000
5.500
Processor Choices
> 1.7 GHz Intel i7-3517UE Dual Core
> 1.6 GHz Intel i3-3217UE Dual Core
> 1.8 GHz Intel Atom N2800 Dual Core
Memory
> ECC DDR3 1333 MHz, 16GB Max (i7, i3)
> ECC DDR3 1066 MHz , 4GB Max (Atom)
Video
> DisplayPort 1.1
> 2048 x 1536 @ 60Hz (i7, i3)
> 1920 x 1200 @ 60Hz (Atom)
Communications
> Dual Gigabit Ethernet
> 4 x USB 2.0 with Locking SeaLATCH Connectors
> 2 x RS-232 Ports
> 1 x RS-485 Port
> Optional 802.11 a/g/n Wireless Interface
Expansion
> PCI Express Half-Size Mini Card
Power
> 18 - 36 VDC Input
Environmental
> Operating Temperature Range: 0°C – 50°C
> Storage Temperature Range: -20°C – 80°C
Physical Dimensions
> 7.82” (L) x 4.75” (W) x 2.67” (H)
SL9259 - A15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com