Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NIS5112D1R2G. Datasheet(PDF) 5 Page - ON Semiconductor

Part # NIS5112D1R2G.
Description  Electronic Fuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5112D1R2G. Datasheet(HTML) 5 Page - ON Semiconductor

  NIS5112D1R2G. Datasheet HTML 1Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 2Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 3Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 4Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 5Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 6Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 7Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 8Page - ON Semiconductor NIS5112D1R2G. Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NIS5112
www.onsemi.com
5
Load Current
Figure 5. Turn−on Waveforms for a Resistive Load of 10 W (CdV/dt = 1 mf)
Input Voltage
Slew Rate = 0.14 V/ms
Output Voltage
Figure 6. Turn−on Waveforms for a Load Capacitance of 3,300 mf (CdV/dt = 1 mf)
Slew Rate = 0.14 V/ms
Load Current (i = C dV/dt)
Output Voltage
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com