Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC547CBU Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC547CBU
Description  NPN Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC547CBU Datasheet(HTML) 2 Page - ON Semiconductor

  BC547CBU Datasheet HTML 1Page - ON Semiconductor BC547CBU Datasheet HTML 2Page - ON Semiconductor BC547CBU Datasheet HTML 3Page - ON Semiconductor BC547CBU Datasheet HTML 4Page - ON Semiconductor BC547CBU Datasheet HTML 5Page - ON Semiconductor BC547CBU Datasheet HTML 6Page - ON Semiconductor BC547CBU Datasheet HTML 7Page - ON Semiconductor BC547CBU Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.1
1
November 2014
BC546 / BC547 / BC548 / BC549 / BC550
NPN Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High-Voltage: BC546, VCEO = 65 V
• Low-Noise: BC549, BC550
• Complement to BC556, BC557, BC558, BC559, and BC560
Ordering Information
Part Number
Marking
Package
Packing Method
BC546ABU
BC546A
TO-92 3L
Bulk
BC546ATA
BC546A
TO-92 3L
Ammo
BC546BTA
BC546B
TO-92 3L
Ammo
BC546BTF
BC546B
TO-92 3L
Tape and Reel
BC546CTA
BC546C
TO-92 3L
Ammo
BC547ATA
BC547A
TO-92 3L
Ammo
BC547B
BC547B
TO-92 3L
Bulk
BC547BBU
BC547B
TO-92 3L
Bulk
BC547BTA
BC547B
TO-92 3L
Ammo
BC547BTF
BC547B
TO-92 3L
Tape and Reel
BC547CBU
BC547C
TO-92 3L
Bulk
BC547CTA
BC547C
TO-92 3L
Ammo
BC547CTFR
BC547C
TO-92 3L
Tape and Reel
BC548BU
BC548
TO-92 3L
Bulk
BC548BTA
BC548B
TO-92 3L
Ammo
BC548CTA
BC548C
TO-92 3L
Ammo
BC549BTA
BC549B
TO-92 3L
Ammo
BC549BTF
BC549B
TO-92 3L
Tape and Reel
BC549CTA
BC549C
TO-92 3L
Ammo
BC550CBU
BC550C
TO-92 3L
Bulk
BC550CTA
BC550C
TO-92 3L
Ammo
1. Collector 2. Base 3. Emitter
TO-92
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com