Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC2T45 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45-Q1 Automotive 2-Bit Translating Transceiver with Configurable Level- Shifting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SN74AXC2T45-Q1 Automotive 2-Bit Translating Transceiver with Configurable Level-
Shifting
1 Features
• AEC-Q100 automotive qualified
• Fully configurable dual-rail design allows each port
to operate with a power supply range from 0.65V
to 3.6V
• Operating temperature from –40°C to +125°C
• Glitch-free power supply sequencing
• Up to 380Mbps support when translating from 1.8V
to 3.3V
• VCC isolation feature
– If either VCC input is below 100mV, all
I/Os outputs are disabled and become high-
impedance
• Ioff supports partial-power-down mode operation
• Compatible with AVC family level shifters
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 8000-V human-body model
– 1000-V charged-device model
2 Applications
• Enterprise and communications
• Industrial
• Personal electronics
• Wireless infrastructure
• Building automation
• Point-of-sale
3 Description
The SN74AXC2T45-Q1 is a two-bit noninverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65V to 3.6V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65V to 3.6V. Additionally the SN74AXC2T45-
Q1 is compatible with a single-supply system.
The SN74AXC2T45-Q1 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B
bus or from the B bus to the A bus, depending on
the logic level of the direction-control input (DIR). The
SN74AXC2T45-Q1 device is designed so the control
pin (DIR) is referenced to VCCA.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry is designed so that no excessive current is
drawn from or to an input, output, or combined I/O
that is biased to a specific voltage while the device is
powered down.
The VCC isolation feature is designed so that if either
VCCA or VCCB is less than 100mV, both I/O ports enter
a high-impedance state by disabling their outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
SN74AXC2T45-Q1
DCU (VSSOP, 8)
2mm × 3.1mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
A1
B1
DIR
A2
B2
V
CCB
V
CCA
Functional Block Diagram
SN74AXC2T45-Q1
SCES928B – APRIL 2021 – REVISED JANUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AXC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
1Mb / 33P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
1Mb / 35P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI-SN74AXC2T45 Datasheet
1Mb / 33P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI-SN74AXC2T45 Datasheet
1Mb / 30P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
REVISED SEPTEMBER 2021
More results

Similar Description - SN74AXC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V01 Datasheet
1Mb / 33P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V02 Datasheet
1Mb / 35P
SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74LXCH8T245 TI-SN74LXCH8T245 Datasheet
1Mb / 29P
SN74LXCH8T245 8-bit Translating Transceiver with Configurable Level Shifting
SN74AXC2T45-Q1 TI-SN74AXC2T45-Q1 Datasheet
1Mb / 33P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45-Q1 TI-SN74AXC2T45-Q1_V01 Datasheet
1Mb / 30P
SN74AXC2T45-Q1 2-Bit Translating Transceiver with Configurable Level-Shifting
REVISED SEPTEMBER 2021
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1 Datasheet
2Mb / 34P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V01 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1_V01 Datasheet
2Mb / 36P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V02 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com