Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1162 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1162
Description  SMT Breakout PCB for 44-QFN or 44-TQFP - 3 Pack!
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1162 Datasheet(HTML) 1 Page - Adafruit Industries

  1162 Datasheet HTML 1Page - Adafruit Industries 1162 Datasheet HTML 2Page - Adafruit Industries 1162 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMT Breakout PCB for 44-QFN or 44-TQFP - 3
Pack!
PRODUCT ID: 1162
Page 1 of 3
10/23/2014


Similar Part No. - 1162

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
116200F00000G AAVID-116200F00000G Datasheet
38Kb / 2P
Product Change Notification
November 09, 2005
logo
PHOENIX CONTACT
1162058 PHOENIX-1162058 Datasheet
858Kb / 12P
EV-T2M4CC-DC150A-3,5M35ESBK11 - DC charging cable
1162095 PHOENIX-1162095 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC250-2,0M2
logo
Pro-Power
1162120050 PROPOWER-1162120050 Datasheet
152Kb / 2P
Cable Gland and Locknut
09/06/12 V1.1
logo
PHOENIX CONTACT
1162144 PHOENIX-1162144 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-2,0M2
More results

Similar Description - 1162

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9158 MAXIM-MAX9158 Datasheet
358Kb / 15P
Quad Bus LVDS Transceiver in 44 QFN
19-2396; Rev 0; 4/02
logo
DB Lectro Inc
BPT-44 DBLECTRO-BPT-44 Datasheet
86Kb / 1P
BPT-44
BS-44 DBLECTRO-BS-44 Datasheet
72Kb / 1P
BS-44
logo
Assmann Electronics Inc...
A-CCS44-Z-SM-R ASSMANN-A-CCS44-Z-SM-R Datasheet
255Kb / 1P
PLCC SOCKET 44 PIN, TIN, SMT
logo
List of Unclassifed Man...
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
44 pin PLCC socket/44 pin PLCC plug
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
44 pin QFP socket/44 pin QFP plug
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
AT90CAN128 TQFP device (3 or 5V),
RC044U-25 ATMEL-RC044U-25 Datasheet
43Kb / 1P
for AT90USB-44 pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com