Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BOS02E0 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS02E0
Description  BOS 6K-UI-PR10-02
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02E0 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS02E0 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02E0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 6K-UI-PR10-02
Order Code: BOS02E0
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 291904
ETIM 6.0: EC002717
BOS02E0_1.17_2025-03-27
2 / 2
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67, IP69
Storage temperature
-20...80 °C
Functional safety
MTTF (40 °C)
503 a
IO-Link
IO-Link Profil IDs
0x0004 SSP2.1
0x0005 SSP2.2
0x0006 SSP2.3
0x4000 Identification and
Diagnosis
IO-Link function classes
0x800C Transducer Disable
0x8101 Locator
Interface
Baud rate
COM2 (38.4 kBaud)
Interface
IO-Link-Device 1.1.3
Process data IN
1 byte
Process data OUT
1 byte
Switching output
PNP/NPN/IO-Link NO/NC
Material
Housing material
ABS
Material jacket
PVC
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
500 x 500 mm at 6 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
dark-on/light-on
Wave length
632 nm
Range/Distance
Range
0.1...6 m
Rated operating distance Sn
6 m, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com