Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC2G04DBVRG4
Description  SN74LVC2G04 Dual Inverter Gate
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G04DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G04DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
±1
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
Time (ns)
VIN
VOUT
C001
SN74LVC2G04
SCES195N – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
9.2.3 Application Curve
There is a slight delay from input to output in addition to the voltage change. Figure 4 shows the expected output
of the SN74LVC2G04 when an input is switched from 0 to 5 V and VCC is set at 1.8 V. With VCC set to 1.8 V, the
output switches at 1.17 V (0.65 × VCC), and therefore the input can be anything from 1.18 V up to 6.5 V and the
SN74LVC2G04 will work perfectly.
Figure 4. Simulated Voltage Down-Translation from 5-V Input to 1.8-V Output With tpd = 3.4 ns.
10 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply a 0.1-
μF capacitor is recommended and if there are multiple VCC pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com