Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G34DBVRG4.B Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC2G34DBVRG4.B
Description  SN74LVC2G34 Dual Buffer Gate
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G34DBVRG4.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G34DBVRG4.B Datasheet HTML 4Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 9Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 10Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 11Page - Texas Instruments SN74LVC2G34DBVRG4.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74LVC2G34
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC2G34 device contains two buffer gates that each perform the Boolean function Y = A. This device
is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC2G34 device has a wider operating voltage range, operating from 1.65 V to 5.5 V, and allows
down voltage translation. The SN74LVC2G34 Ioff feature allows voltages on the inputs and outputs when VCC is
0 V.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G34.
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
H
L
L
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com