Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD234 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD234
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD234 Datasheet(HTML) 1 Page - STMicroelectronics

  BD234 Datasheet HTML 1Page - STMicroelectronics BD234 Datasheet HTML 2Page - STMicroelectronics BD234 Datasheet HTML 3Page - STMicroelectronics BD234 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD234
SILICON PNP TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
PNP TRANSISTOR
DESCRIPTION
The BD234 is a silicon epitaxial-base PNP power
transistor in Jedec SOT-32 plastic package
inteded for use in medium power linear and
switching applications.
INTERNAL SCHEMATIC DIAGRAM
May 1997
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-45
V
VCER
Collector-Emitter Voltage (RBE = 1K
Ω)-45
V
VCEO
Collector-Emitter Voltage (IB = 0)
-45
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-2
A
ICM
Collector Peak Current
-6
A
Ptot
Total Dissipation at Tc
≤ 25 oC25
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1/4


Similar Part No. - BD234

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
37Kb / 4P
Medium Power Linear and Switching
logo
Savantic, Inc.
BD234 SAVANTIC-BD234 Datasheet
101Kb / 3P
Silicon PNP Power Transistors
logo
ON Semiconductor
BD234 ONSEMI-BD234 Datasheet
68Kb / 4P
Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
logo
Inchange Semiconductor ...
BD234 ISC-BD234 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD234

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
Unisonic Technologies
PZT4033 UTC-PZT4033 Datasheet
141Kb / 4P
PNP SILICON TRANSISTOR
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com