Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LS161ADR Datasheet(PDF) 25 Page - Texas Instruments

Part # SN74LS161ADR
Description  SN54160 THRU SN54163, SN54LS160A THRU SN54LS163A, SN54S162, SN54S163, SN74160 THRU SN74163, SN74LS160A THRU SN74LS163A, SN74S162, SN74S163 SYNCHRONOUS 4-BIT COUNTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS161ADR Datasheet(HTML) 25 Page - Texas Instruments

Back Button SN74LS161ADR Datasheet HTML 19Page - Texas Instruments SN74LS161ADR Datasheet HTML 20Page - Texas Instruments SN74LS161ADR Datasheet HTML 21Page - Texas Instruments SN74LS161ADR Datasheet HTML 22Page - Texas Instruments SN74LS161ADR Datasheet HTML 23Page - Texas Instruments SN74LS161ADR Datasheet HTML 24Page - Texas Instruments SN74LS161ADR Datasheet HTML 25Page - Texas Instruments SN74LS161ADR Datasheet HTML 26Page - Texas Instruments SN74LS161ADR Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9754801QFA
W
CFP
16
25
506.98
26.16
6220
NA
76008012A
FK
LCCC
20
55
506.98
12.06
2030
NA
7600801FA
W
CFP
16
25
506.98
26.16
6220
NA
76034012A
FK
LCCC
20
55
506.98
12.06
2030
NA
7603401FA
W
CFP
16
25
506.98
26.16
6220
NA
JM38510/31504B2A
FK
LCCC
20
55
506.98
12.06
2030
NA
JM38510/31504B2A.A
FK
LCCC
20
55
506.98
12.06
2030
NA
JM38510/31504BFA
W
CFP
16
25
506.98
26.16
6220
NA
JM38510/31504BFA.A
W
CFP
16
25
506.98
26.16
6220
NA
JM38510/31512B2A
FK
LCCC
20
55
506.98
12.06
2030
NA
JM38510/31512B2A.A
FK
LCCC
20
55
506.98
12.06
2030
NA
JM38510/31512BFA
W
CFP
16
25
506.98
26.16
6220
NA
JM38510/31512BFA.A
W
CFP
16
25
506.98
26.16
6220
NA
M38510/31504B2A
FK
LCCC
20
55
506.98
12.06
2030
NA
M38510/31504BFA
W
CFP
16
25
506.98
26.16
6220
NA
M38510/31512B2A
FK
LCCC
20
55
506.98
12.06
2030
NA
M38510/31512BFA
W
CFP
16
25
506.98
26.16
6220
NA
SN74LS161AN
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS161AN
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS161AN.A
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS161AN.A
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163AN
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163AN
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163AN.A
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163AN.A
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163ANE4
N
PDIP
16
25
506
13.97
11230
4.32
SN74LS163ANE4
N
PDIP
16
25
506
13.97
11230
4.32
SN74S163N
N
PDIP
16
25
506
13.97
11230
4.32
SN74S163N
N
PDIP
16
25
506
13.97
11230
4.32
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com