Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FOD260LSD Datasheet(PDF) 8 Page - ON Semiconductor

Part # FOD260LSD
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LSD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FOD260LSD Datasheet HTML 4Page - ON Semiconductor FOD260LSD Datasheet HTML 5Page - ON Semiconductor FOD260LSD Datasheet HTML 6Page - ON Semiconductor FOD260LSD Datasheet HTML 7Page - ON Semiconductor FOD260LSD Datasheet HTML 8Page - ON Semiconductor FOD260LSD Datasheet HTML 9Page - ON Semiconductor FOD260LSD Datasheet HTML 10Page - ON Semiconductor FOD260LSD Datasheet HTML 11Page - ON Semiconductor FOD260LSD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
7
PHL
t
F
I = 7.5 mA
1.5 V
90%
10%
7.5 mA
+3.3V
1.5 V
3.0 V
1.5 V
3
2
1
4
8
7
6
5
PLH
t
I = 3.75 mA
F
Output
O
(V )
Input
(I )
F
Output
(V )
O
f
t
r
t
O
Z = 50
Ω
Pulse
Generator
tr = 5ns
(V )
E
Input
Monitor
O
(V )
Output
L
R
L
C
(V )
Output
O
Input
(V )
E
EHL
t
ELH
0.1
µF
bypass
Fig. 9 Test Circuit and Waveforms for tPLH, tPHL, tr and tf.
Fig. 10 Test Circuit tEHL and tELH.
t
1
2
3
4
8
7
6
5
Pulse Gen.
tf = tr = 5 ns
ZO = 50
Ω
RL
0.1
µF
Bypass
CL
+3.3V
47
Ω
Input
Monitor
(IF)
Output
(VO)
GND
V
CC
GND
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com