Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN55976A2WD Datasheet(PDF) 8 Page - Texas Instruments

Part # SN55976A2WD
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN55976A2WD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55976A2WD Datasheet HTML 4Page - Texas Instruments SN55976A2WD Datasheet HTML 5Page - Texas Instruments SN55976A2WD Datasheet HTML 6Page - Texas Instruments SN55976A2WD Datasheet HTML 7Page - Texas Instruments SN55976A2WD Datasheet HTML 8Page - Texas Instruments SN55976A2WD Datasheet HTML 9Page - Texas Instruments SN55976A2WD Datasheet HTML 10Page - Texas Instruments SN55976A2WD Datasheet HTML 11Page - Texas Instruments SN55976A2WD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN55976A
SN75976A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
S1 to A,
VT = 5 V,
See Figure 1
0.7
1
1.8
V
VODH
Driver differential high-
level output voltage
S1 to B,
TC ≥ 25°C
VT = 5 V,
See Figure 1
1
1.4
V
level out ut voltage
S1 to B,
See Figure 1
VT = 5 V,
0.7
0.8
V
D i
diff
ti l l
S1 to A,
TC ≥ 25°C
VT = 5 V,
See Figure 1
0.7
– 1.4
–1
– 1.4
V
VODL
Driver differential low-
level output voltage
S1 to B,
VT = 5 V,
See Figure 1
0.7
– 1.8
–1
– 1.8
V
level out ut voltage
S1 to A,
See Figure 1
VT = 5 V,
– 0.8
– 1.4
– 0.8
– 1.4
V
VOH
High-level output volt-
age
A side,
IOH = – 8 mA
VID = 200 mV,
See Figure 3
4
4.5
4
4.5
V
OH
age
B side,
VT = 5 V,
See Figure 1
3
3
V
VOL
Low-level output volt-
age
A side,
IOH = 8 mA
VID = –200 mV,
See Figure 3
0.6
0.8
0.6
0.8
V
OL
age
A side,
VT = 5 V,
See Figure 1
1
1
V
VIT+
Receiver positive-go-
ing differential input
threshold voltage
IOH = – 8 mA,
See Figure 3
0.2
0.2
V
VIT–
Receiver negative-
going differential input
threshold voltage
IOL = 8 mA,
See Figure 3
– 0.2
– 0.2
V
Vhys
Receiver input
hysteresis
(VIT+– VIT–)
VCC = 5 V,
TA = 25°C
24
45
24
45
mV
VIH = 12 V,
VCC = 5 V,
Other input at 0 V
0.4
1
0.4
1
mA
II
Bus input current
VIH = 12 V,
VCC = 0,
Other input at 0 V
0.5
1
0.5
1
mA
II
Bus input current
VIH = – 7 V,
VCC = 5 V,
Other input at 0 V
– 0.4
– 0.8
– 0.4
– 0.8
mA
VIH = – 7 V,
VCC = 0,
Other input at 0 V
– 0.3
– 0.8
– 0.3
– 0.8
mA
IIH
High-level input cur-
A, BSR, DE/RE, and CRE,
VIH = 2 V
– 100
– 100
µA
IIH
g
rent
CDE0, CDE1, and CDE2,
VIH = 2V
100
100
µA
IIL
Low level input current
A, BSR, DE/RE, and CRE,
VIL = 0.8 V
– 100
– 100
µA
IIL
Low-level input current
CDE1, CDE1, and CDE2,
VIL = 0.8 V
100
100
µA
IOS
Short circuit output
current
nB+ or nB–
±260
±260
mA
IOZ
High-impedance-state
A
See IIH and IIL
See IIH and IIL
IOZ
g
output current
nB+ or nB–
See II
See II
Disabled
10
10
mA
ICC
Supply current
All drivers enabled, no load
60
60
mA
All receivers enabled, no load
45
45
mA
CO
Output capacitance
nB+ or nB– to GND
18
18
25
pF
C d
Power dissipation
capacitance
Receiver
40
40
pF
Cpd
capacitance
(see Note 4)
Driver
100
100
pF
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 4: Cpd determines the no-load dynamic supply current consumption, IS = CPD × VCC × f + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com