Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5342ADDVR Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS5342ADDVR
Description  TAS5342A 100-W Stereo Digital Amplifier Power Stage
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342ADDVR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5342ADDVR Datasheet HTML 26Page - Texas Instruments TAS5342ADDVR Datasheet HTML 27Page - Texas Instruments TAS5342ADDVR Datasheet HTML 28Page - Texas Instruments TAS5342ADDVR Datasheet HTML 29Page - Texas Instruments TAS5342ADDVR Datasheet HTML 30Page - Texas Instruments TAS5342ADDVR Datasheet HTML 31Page - Texas Instruments TAS5342ADDVR Datasheet HTML 32Page - Texas Instruments TAS5342ADDVR Datasheet HTML 33Page - Texas Instruments TAS5342ADDVR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
TAS5342A
SLAS623A – NOVEMBER 2008 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TAS5342A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
•
Use an unbroken ground plane to have good low impedance and inductance return path to the power supply
for power and audio signals.
•
Maintain a contiguous ground plane from the ground pins to the PCB area surrounding the device for as
many of the ground pins as possible, since the ground pins are the best conductors of heat in the package.
•
PCB layout, audio performance and EMI are linked closely together.
•
Routing the audio input should be kept short and together with the accompanied audio source ground.
•
The small bypass capacitors on the PVDD lines of the DUT be placed as close the PVDD pins as possible.
•
A local ground area underneath the device is important to keep solid to minimize ground bounce.
•
Orient the passive component so that the narrow end of the passive component is facing the TAS5342A
device, unless the area between two pads of a passive component is large enough to allow copper to flow
between the two pads.
•
Avoid placing other heat producing components or structures near the TAS5342A device.
•
Avoid cutting off the flow of heat from the TAS5342A device to the surrounding ground areas with traces or
via strings, especially on output side of device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com