Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCA9543ADR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # TCA9543ADR.B
Description  TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9543ADR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA9543ADR.B Datasheet HTML 7Page - Texas Instruments TCA9543ADR.B Datasheet HTML 8Page - Texas Instruments TCA9543ADR.B Datasheet HTML 9Page - Texas Instruments TCA9543ADR.B Datasheet HTML 10Page - Texas Instruments TCA9543ADR.B Datasheet HTML 11Page - Texas Instruments TCA9543ADR.B Datasheet HTML 12Page - Texas Instruments TCA9543ADR.B Datasheet HTML 13Page - Texas Instruments TCA9543ADR.B Datasheet HTML 14Page - Texas Instruments TCA9543ADR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
INT
A0
A1
TCA9543A
RESET
SC1
6
10
5
9
7
14
3
13
12
2
11
SC0
SD0
SD1
GND
VCC
SCL
SDA
INT1
INT0
Input Filter
Output Filter
I C Bus
Control
2
Interrupt Logic
Switch Control Logic
Power-On
Reset
4
8
1
11
TCA9543A
www.ti.com
SCPS206B – MARCH 2014 – REVISED NOVEMBER 2019
Product Folder Links: TCA9543A
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TCA9543A is a 2-channel, bidirectional translating I2C switch. The master SCL/SDA signal pair is directed to
two channels of slave devices, SC0/SD0-SC1/SD1. Either individual downstream channel can be selected as
well as both channels. The TCA9543A also supports interrupt signals in order for the master to detect an
interrupt on the INT output terminal that can result from any of the slave devices connected to the INT1-INT0
input terminals.
The device offers an active-low RESET input which resets the state machine and allows the TCA9543A to
recover should one of the downstream I2C buses get stuck in a low state. The state machine of the device can
also be reset by cycling the power supply, VCC, also known as a power-on reset (POR). Either using the RESET
function or causing a POR will cause both channels to be deselected.
The connections of the I2C data path are controlled by the same I2C master device that is switched to
communicate with multiple I2C slaves. After the successful acknowledgment of the slave address (hardware
selectable by A0 and A1 terminals), a single 8-bit control register is written to or read from to determine the
selected channels and state of the interrupts.
The TCA9543A may also be used for voltage translation, allowing the use of different bus voltages on each
SCn/SDn pair such that 1.8-V, 2.5-V, or 3.3-V parts can communicate with 5-V parts. This is achieved by using
external pull-up resistors to pull the bus up to the desired voltage for the master and each slave channel.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com