Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JL04V-6A22-23PEW-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL04V-6A22-23PEW-R
Description  Individual plug, TÜV, Waterproof (when mated) type, 8 pos., Pin, Contact arrangement code: 22-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL04V-6A22-23PEW-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL04V-6A22-23PEW-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL04V-6A22-23PEW-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL04V-6A22-23PEW-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL04V-6A22-23PEW-R
Features
Individual plug, TÜV, Waterproof (when mated) type, 8 pos., Pin, Contact arrangement code: 22-23
Part Number
JL04V-6A22-23PEW-R
Status
Active
Number of Positions
8 pos.
Rated Current (A)
23 A
Rated Voltage (AC Vr.m.s.)
250
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Machine tools, Servomotors, Robots, Semiconductor Equipment, FA equipment,
Industrial equipment, Rolling stock, Vessels, Telecommunications devices,
Measurement equipment, Broadcast systems, Medical equipment, Computers and
peripherals, and other electronic/ electric equipment.
Connector Type
Individual plug
Connector Style
-
Contact Type
Pin
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
#12
Coupling Style
Threaded
Contact Size
#12
Shell Size
22
Product Details


Similar Part No. - JL04V-6A22-23PEW-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL04V-6A22-23PE-R JAE-JL04V-6A22-23PE-R Datasheet
167Kb / 3P
Circular connector, connector standard EN61984, TÜV, Waterproof (when mated) type, 8 pos., Pin, Contact arrangement code:22-23 , Individual plug
More results

Similar Description - JL04V-6A22-23PEW-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MB1EJN0800 AMPHENOL-MB1EJN0800 Datasheet
79Kb / 1P
Rotatable 90째 Plug, 8 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
Straight Plug, 8 Pos
logo
Japan Aviation Electron...
ST-JL05-16P-C1 JAE-ST-JL05-16P-C1 Datasheet
75Kb / 1P
16 PIN CONTACT (INDIVIDUAL)
ST-JL05-16S-C1 JAE-ST-JL05-16S-C1 Datasheet
71Kb / 1P
16 SOCKET CONTACT (INDIVIDUAL)
logo
Tyco Electronics
1658670 MACOM-1658670 Datasheet
89Kb / 1P
PIN CONTACT, 22-28 AWG, 22 DF, AMPLIMITE
1658670-4 MACOM-1658670-4 Datasheet
80Kb / 1P
PIN CONTACT, 22-28 AWG, 22 DF, AMPLIMITE
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
1 through 8 form C (CO) contact arrangement
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
Amphenol Corporation
RCP-5SPFFP-SCM7B10 AMPHENOL-RCP-5SPFFP-SCM7B10 Datasheet
103Kb / 1P
RJ45,C SIZE,MATED WATERPROOF
2019-09-16
logo
Japan Aviation Electron...
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com