Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDP142 Datasheet(PDF) 2 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 2 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Power Supply Characteristics ................................... 6
6.6
DC Electrical Characteristics .................................... 6
6.7
AC Electrical Characteristics..................................... 7
6.8
Timing Requirements ................................................ 8
6.9
Switching Characteristics .......................................... 8
6.10
Typical Characteristics ............................................ 9
7
Parameter Measurement Information ................ 10
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 13
8.5
Programming........................................................... 15
8.6
Register Maps ......................................................... 17
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Application .................................................. 22
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 28
12.1
Related Links ........................................................ 28
12.2
Receiving Notification of Documentation Updates 28
12.3
Community Resources.......................................... 28
12.4
Trademarks ........................................................... 28
12.5
Electrostatic Discharge Caution ............................ 28
12.6
Glossary ................................................................ 28
13
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Revision B (August 2018) to Revision C
Page
•
Added following to pin 11 description: If I2C_EN = “F”, then this pin must be set to “F” or “0”. ........................................... 3
Changes from Revision A (October 2017) to Revision B
Page
•
Changed the appearance of the pinout image in the Pin Configuration and Function section .............................................. 3
•
Added Note 2 To pins 29 and 32 in the Pin Functions table.................................................................................................. 4
Changes from Original (September 2017) to Revision A
Page
•
Changed the Human-body model (HBM) value From: ±6000 To: ±5000 in the ESD Ratings ............................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com