Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCT2075DP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCT2075DP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075DP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCT2075DP Datasheet HTML 19Page - NXP Semiconductors PCT2075DP Datasheet HTML 20Page - NXP Semiconductors PCT2075DP Datasheet HTML 21Page - NXP Semiconductors PCT2075DP Datasheet HTML 22Page - NXP Semiconductors PCT2075DP Datasheet HTML 23Page - NXP Semiconductors PCT2075DP Datasheet HTML 24Page - NXP Semiconductors PCT2075DP Datasheet HTML 25Page - NXP Semiconductors PCT2075DP Datasheet HTML 26Page - NXP Semiconductors PCT2075DP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 9.1 — 21 April 2017
23 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
Fig 21. HIGH-level input current versus temperature;
digital pins
Fig 22. LOW-level output voltage on SDA pin
versus temperature; IOL =20mA
Fig 23. LOW-level output current on SDA pin
versus temperature; VOL =0.4 V
Fig 24. Temperature accuracy versus temperature;
VCC =2.8 V to 5.5V
Fig 25. Power-on reset threshold voltage
versus temperature; rising VCC
Fig 26. Power-on reset voltage versus temperature;
falling VCC
4
6
2
8
10
IIH
(μA)
0
Tamb (°C)
−75
125
75
−25
25
002aah443
VDD = 5.5 V
4.5 V
3.3 V
2.7 V
Tamb (°C)
−75
125
75
−25
25
0
0.30
0.20
0.10
0.40
002aah453
VOL
(V)
VDD = 5.5 V
4.5 V
3.3 V
2.7 V
Tamb (°C)
−75
125
75
−25
25
0
60
40
20
80
002aah454
IOL
(mA)
VDD = 5.5 V
4.5 V
3.3 V
2.7 V
Tamb (°C)
−75
125
75
−25
25
−2.0
1.0
0
−1.0
2.0
002aah444
Tacc
(°C)
1.0
2.0
3.0
Vth(POR)
(V)
0
Tamb (°C)
−75
125
75
−25
25
002aah451
1.0
2.0
3.0
VPOR
(V)
0
Tamb (°C)
−75
125
75
−25
25
002aah452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com