Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P1LR Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # P1LR
Description  6W AC-DC Reliable Green Medical Adaptor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P1LR Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  P1LR Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P1LR Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P1LR Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. P1LR Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. P1LR Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION
6W AC-DC Reliable Green Medical Adaptor
GSM06E series
File Name:GSM06E-SPEC 2018-01-15
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
6V
9V
12V
15V
18V
24V
GSM06E05
GSM06E06
GSM06E07
GSM06E09
GSM06E12
GSM06E15
GSM06E18
GSM06E24
1.2A
0.8A
1A
0.66A
0.5A
0.4A
0.33A
0.25A
0 ~ 1.2A
0 ~ 0.8A
0 ~ 1A
0 ~ 0.66A
0 ~ 0.5A
0 ~ 0.4A
0 ~ 0.33A
0 ~ 0.25A
6W
6W
6W
6W
6W
6W
6W
6W
50mVp-p
80mVp-p
50mVp-p
80mVp-p
100mVp-p
120mVp-p
150mVp-p
180mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±4.0%
1000ms, 50ms, 12ms at full load
85 ~ 264VAC
120 ~ 370VDC
47 ~ 63Hz
68%
74%
74%
76%
77%
79%
80%
82%
0.18A / 100VAC
Cold start 15A/ 115VAC 30A / 230VAC
TUV EN60601-1, EN60601-1-11,
approved
EAC TP TC 004
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:5656VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
500Khrs min. MIL-HDBK-217F(25
)
℃
0 ~ +50
(Refer to "Derating Curve")
℃
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH non-condensing
℃
±℃
℃
0.04% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
32*66*42.5mm (L*W*H)
100g ; 90pcs / 10Kg / CARTON
CONNECTOR
PLUG
CABLE
See page 4~5 ; Other type available by customer requested
See page 4~5 ; Other type available by customer requested
OVERLOAD
OVER VOLTAGE
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output power
>105% rated output power
Protection type : Clamp by zener diode
GSM06E05-P1J GSM06E06-P1J GSM06E07-P1J GSM06E09-P1J GSM06E12-P1J GSM06E15-P1J GSM06E18-P1J GSM06E24-P1J
Touch current < 50 A/264VAC
μ
±3.0%
±3.0%
±3.0%
±2.0%
VOLTAGE RANGE
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
℃
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 0% to 100% rated load.
7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
SAFETY &
EMC
(Note. 7)
ISOLATION LEVEL
Pimary - Secondary: 2 x MOPP
Parameter
Parameter
ESD
Standard
Standard
EN55011 (CISPR11)
EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class B
Class A
-----
EMC IMMUNITY
EMC EMISSION
EN55024 , EN60601-1-2, EN61204-3
Level 4, 15KV air ; Level 4, 8KV contact
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Level 3, 10V/m(80MHz~2.7GHz)
Table 9, 9~28V/m(385MHz~5.78GHz)
Level 3, 1KV/Line-Line
Level 4, 30A/m
Level 2, 3V
Level 3, 2KV
RF field susceptibility
EFT bursts
Surge susceptibility
Conducted susceptibility
Magnetic field immunity
Voltage dip, interruption
Conducted
emission
Radiated emission
Harmonic current
Voltage flicker



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com