Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL3116IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TL3116IPWR
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3116IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL3116IPWR Datasheet HTML 3Page - Texas Instruments TL3116IPWR Datasheet HTML 4Page - Texas Instruments TL3116IPWR Datasheet HTML 5Page - Texas Instruments TL3116IPWR Datasheet HTML 6Page - Texas Instruments TL3116IPWR Datasheet HTML 7Page - Texas Instruments TL3116IPWR Datasheet HTML 8Page - Texas Instruments TL3116IPWR Datasheet HTML 9Page - Texas Instruments TL3116IPWR Datasheet HTML 10Page - Texas Instruments TL3116IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
6
4
2
0
010
20
30
8
10
12
40
50
Overdrive Voltage − mV
PROPAGATION DELAY TIME
vs
OVERDRIVE VOLTAGE
VCC = ± 5 V
TA = 25°C
Figure 7
4
2
0
4.4
4.6
4.8
5
6
10
PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE
12
5.2
5.4
5.6
VCC − Supply Voltage − V
8
VCC = ± 5 V
TA = 25°C
Figure 8
10
6
4
0
0
50
100
150
14
18
PROPAGATION DELAY TIME
vs
INPUT IMPEDANCE
20
200
250
300
16
12
8
2
ZI − Input Impedance − Ω
20 mV
5 mV
Stepsize = 100 mV
VCC = ± 5 V
TA = 25°C
Figure 9
CL − Load Capacitance − pF
4
2
0
010
20
30
12
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
14
40
50
10
6
8
tPDHL
tPDLH
VCC = ± 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com