Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC2274-HT Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2274-HT
Description  TLC2274-HT Advanced LinCMOS™ Rail-to-Rail Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2274-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2274-HT Datasheet HTML 3Page - Texas Instruments TLC2274-HT Datasheet HTML 4Page - Texas Instruments TLC2274-HT Datasheet HTML 5Page - Texas Instruments TLC2274-HT Datasheet HTML 6Page - Texas Instruments TLC2274-HT Datasheet HTML 7Page - Texas Instruments TLC2274-HT Datasheet HTML 8Page - Texas Instruments TLC2274-HT Datasheet HTML 9Page - Texas Instruments TLC2274-HT Datasheet HTML 10Page - Texas Instruments TLC2274-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
6.7 Electrical Characteristics, VDD± = ±5 V
at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
300
2500
VIO
Input offset voltage
μV
Full range
3000
Temperature coefficient of
αVIO
25°C to 125°C
2
μV/°C
input offset voltage
Input offset voltage long-
VIC = 0 V,
25°C
0.002
μV/mo
VO = 0 V
term drift(2)
RS = 50 Ω
25°C
0.5
60
IIO
Input offset current
pA
Full range
7000
25°C
1
60
IIB
Input bias current
pA
Full range
7000
25°C
−5 to 4
−5.3 to 4.2
Common-mode input
VICR
RS = 50 Ω
|VIO| ≤ 5 mV
V
voltage range
Full range
−5 to 3.5
IO = −20 μA
25°C
4.99
25°C
4.85
4.93
IO = −200 μA
Maximum positive peak
VOM+
Full range
4.84
V
output voltage
25°C
4.25
4.65
IO = −1 mA
Full range
4.20
VIC = 0 V,
IO = 50 μA
25°C
−4.99
25°C
−4.85
−4.91
VIC = 0 V,
IO = 500 μA
Maximum negative peak
VOM-
Full range
−4.85
V
output voltage
25°C
−3.5
−4.1
VIC = 0 V,
IO = 5 mA
Full range
−3.45
25°C
20
50
RL = 10 kΩ
Large-signal differential
AVD
VO = ±4 V,
Full range
16
V/mV
voltage amplification
RL = 1 MΩ
25°C
300
Differential input
rid
25°C
Ω
1012
resistance
Common-mode input
ri
25°C
Ω
1012
resistance
Common-mode input
f = 10 kHz,
N package
ci
25°C
8
pF
capacitance
Closed-loop output
f = 1 MHz,
AV = 10
zo
25°C
130
Ω
impedance
VIC = -5 V to 2.7 V,
RS = 50 Ω
25°C
75
80
Common-mode rejection
CMRR
dB
VO = 0 V,
ratio
Full range
73
VDD = ±2.2 V to ±8 V,
25°C
80
95
Supply voltage rejection
kSVR
dB
ratio (
ΔVDD/ΔVIO)
VIC = 0V,
No load
Full range
80
25°C
4.4
6
IDD
Supply current
VO = 0 V,
No load
mA
Full range
6
(1)
Full range is
−40°C to 150°C for this part.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com