Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV5616CD.A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5616CD.A
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5616CD.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5616CD.A Datasheet HTML 4Page - Texas Instruments TLV5616CD.A Datasheet HTML 5Page - Texas Instruments TLV5616CD.A Datasheet HTML 6Page - Texas Instruments TLV5616CD.A Datasheet HTML 7Page - Texas Instruments TLV5616CD.A Datasheet HTML 8Page - Texas Instruments TLV5616CD.A Datasheet HTML 9Page - Texas Instruments TLV5616CD.A Datasheet HTML 10Page - Texas Instruments TLV5616CD.A Datasheet HTML 11Page - Texas Instruments TLV5616CD.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
8
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 6
0.6
0.4
0.2
−55 −40
−25
0
25
40
70
0.8
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
1
85
125
VDD = 3 V,
Vref = 1 V,
Full Scale
TA − Free-Air Temperature − C°
Fast Mode
Slow Mode
Figure 7
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
0.6
0.4
0.2
−55 −40
−25
0
25
40
70
0.8
1
85
125
VDD = 5 V,
Vref = 2 V,
Full Scale
TA − Free-Air Temperature − C°
Fast Mode
Slow Mode
Figure 8
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Fast Mode
Figure 9
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Slow Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com