Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY212-SF Datasheet(PDF) 2 Page - Microchip Technology

Part # ATTINY212-SF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY212-SF Datasheet(HTML) 2 Page - Microchip Technology

  ATTINY212-SF Datasheet HTML 1Page - Microchip Technology ATTINY212-SF Datasheet HTML 2Page - Microchip Technology ATTINY212-SF Datasheet HTML 3Page - Microchip Technology ATTINY212-SF Datasheet HTML 4Page - Microchip Technology ATTINY212-SF Datasheet HTML 5Page - Microchip Technology ATTINY212-SF Datasheet HTML 6Page - Microchip Technology ATTINY212-SF Datasheet HTML 7Page - Microchip Technology ATTINY212-SF Datasheet HTML 8Page - Microchip Technology ATTINY212-SF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
•
Peripherals
–
6-channel Event System
–
One 16-bit Timer/Counter Type A with Dedicated Period Register, Three Compare Channels
(TCA)
–
One 16-bit Timer/Counter type B with Input Capture (TCB)
–
One 12-bit Timer/Counter type D Optimized for Control Applications (TCD)
–
One 16-bit Real Time Counter (RTC) Running from External Crystal or Internal RC Oscillator
–
One USART with Fractional Baud Rate Generator, Auto-baud, and Start-of-frame Detection
–
Master/Slave Serial Peripheral Interface (SPI)
–
Master/Slave TWI with Dual Address Match
•
Standard Mode (Sm, 100kHz)
•
Fast Mode (Fm, 400kHz)
•
Fast Mode Plus (Fm+, 1MHz)
–
Configurable Custom Logic (CCL) with Two Programmable Lookup Tables (LUT)
–
Analog Comparator (AC) with Low Propagation Delay
–
10-bit 115ksps Analog to Digital Converter (ADC)
–
8-bit Digital to Analog Converter (DAC)
–
Five Selectable Internal Voltage References: 0.55V, 1.1V, 1.5V, 2.5V and 4.3V
–
Automated CRC Memory Scan
–
Watchdog Timer (WDT) with Window Mode, with Separate On-chip Oscillator
–
Peripheral Touch Controller (PTC)(1)
•
Capacitive Touch Buttons, Sliders and Wheels
•
Wake-up on Touch
•
Driven Shield for Improved Moisture and Noise Handling Performance
•
Six Self-capacitance and Nine Mutual-capacitance Channels
–
External Interrupt on All General Purpose Pins
•
I/O and Packages:
–
22 Programmable I/O Lines
–
24-pin VQFN 4x4
•
Temperature Ranges:
–
-40°C to 105°C
–
-40°C to 125°C Temperature Graded Device Options Available
•
Speed Grades:
–
0-5MHz @ 1.8V – 5.5V
–
0-10MHz @ 2.7V – 5.5V
–
0-20MHz @ 4.5V – 5.5V
Note: 
1.
Only Available in Devices with 8KB Flash.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com