Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY417-SF Datasheet(PDF) 5 Page - Microchip Technology

Part # ATTINY417-SF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY417-SF Datasheet(HTML) 5 Page - Microchip Technology

  ATTINY417-SF Datasheet HTML 1Page - Microchip Technology ATTINY417-SF Datasheet HTML 2Page - Microchip Technology ATTINY417-SF Datasheet HTML 3Page - Microchip Technology ATTINY417-SF Datasheet HTML 4Page - Microchip Technology ATTINY417-SF Datasheet HTML 5Page - Microchip Technology ATTINY417-SF Datasheet HTML 6Page - Microchip Technology ATTINY417-SF Datasheet HTML 7Page - Microchip Technology ATTINY417-SF Datasheet HTML 8Page - Microchip Technology ATTINY417-SF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1.1
Configuration Summary
1.1.1
Peripheral Summary
Table 1-1. Peripheral Summary
Pins
24
24
SRAM
256B
512B
Flash
4KB
8KB
EEPROM
128B
128B
Max. frequency (MHz)
20
20
16-bit Timer/Counter type A (TCA)
1
1
16-bit Timer/Counter type B (TCB)
1
1
12-bit Timer/Counter type D (TCD)
1
1
Real Time Counter (RTC)
1
1
USART
1
1
SPI
1
1
TWI (I2C)
1
1
ADC
1
1
ADC channels
12
12
DAC
1
1
AC
1
1
Peripheral Touch Controller (PTC)(1)
No
1
PTC number of self-capacitance channels(1)
-
6
PTC number of mutual-capacitance channels(1)
-
9
Custom Logic/Configurable Lookup Tables
1
1
Window Watchdog
1
1
Event System channels
6
6
General purpose I/O
22
22
External interrupts
22
22
CRCSCAN
1
1
Note: 
1.
The PTC takes control over the ADC while the PTC is used.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com