Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY214-SSF Datasheet(PDF) 10 Page - Microchip Technology

Part # ATTINY214-SSF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY214-SSF Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATTINY214-SSF Datasheet HTML 6Page - Microchip Technology ATTINY214-SSF Datasheet HTML 7Page - Microchip Technology ATTINY214-SSF Datasheet HTML 8Page - Microchip Technology ATTINY214-SSF Datasheet HTML 9Page - Microchip Technology ATTINY214-SSF Datasheet HTML 10Page - Microchip Technology ATTINY214-SSF Datasheet HTML 11Page - Microchip Technology ATTINY214-SSF Datasheet HTML 12Page - Microchip Technology ATTINY214-SSF Datasheet HTML 13Page - Microchip Technology ATTINY214-SSF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
5.
I/O Multiplexing and Considerations
5.1
Multiplexed Signals
Table 5-1. PORT Function Multiplexing
Pin Name (1,2)
Other/Special
ADC0
PTC(3)
AC0
DAC0
USART0
SPI0
TWI0
TCA0
TCB0
TCD0
CCL
23 PA0
RESET
UPDI
AIN0
LUT0-IN0
24 PA1
BREAK
AIN1
TXD
MOSI
SDA
LUT0-IN1
1
PA2
EVOUT0
AIN2
RxD
MISO
SCL
LUT0-IN2
2
PA3
EXTCLK
AIN3
XCK
SCK
WO3
3
GND
4
VDD
5
PA4
AIN4
X0/Y0
XDIR
SS
WO4
WOA
LUT0-OUT
6
PA5
AIN5
X1/Y1
OUT
WO5
WO
WOB
7
PA6
AIN6
X2/Y2
AINN0
OUT
8
PA7
AIN7
X3/Y3
AINP0
LUT1-OUT
9
PB7
10 PB6
11
PB5
CLKOUT
AIN8
AINP1
WO2
12 PB4
AIN9
AINN1
WO1
LUT0-OUT
13 PB3
TOSC1
RxD
WO0
14 PB2
TOSC2, EVOUT1
TxD
WO2
15 PB1
AIN10
X4/Y4
XCK
SDA
WO1
16 PB0
AIN11
X5/Y5
XDIR
SCL
WO0
17 PC0
SCK
WO
WOC
18 PC1
MISO
WOD
LUT1-OUT
19 PC2
EVOUT2
MOSI
20 PC3
SS
WO3
LUT1-IN0
21 PC4
BREAK
WO4
LUT1-IN1
22 PC5
WO5
LUT1-IN2
Note: 
1.
Pins names are of type Pxn, with x being the PORT instance (A,B) and n the pin number. Notation
for signals is PORTx_PINn. All pins can be used as event input.
2.
All pins can be used for external interrupt, where pins Px2 and Px6 of each port have full
asynchronous detection.
3.
PTC is only available in devices with 8KB Flash (ATtiny817). Every PTC line can be configured as
X-line or Y-line.
Tip:  Signals on alternative pin locations are in typewriter font.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com