Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13629 Datasheet(PDF) 2 Page - Philips Lighting N.V

Part # 13629
Description  Halogen reflector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPSLIGHTING [Philips Lighting N.V]
Direct Link  https://www.lighting.philips.com/
Logo PHILIPSLIGHTING - Philips Lighting N.V

13629 Datasheet(HTML) 2 Page - Philips Lighting N.V

  13629 Datasheet HTML 1Page - Philips Lighting N.V 13629 Datasheet HTML 2Page - Philips Lighting N.V 13629 Datasheet HTML 3Page - Philips Lighting N.V 13629 Datasheet HTML 4Page - Philips Lighting N.V 13629 Datasheet HTML 5Page - Philips Lighting N.V  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optical & medical equipment
Halogen reflector
Special Lamps
(continued)
Type
Wattage
Voltage
Packing
type
Packing
configu-
ration
Bulb
Temperature
Pinch
Temperature
Operating
Position
Operating
Position
Dim.
no.
Photo
letter
Ordering
number
8711500...
(W)
(°C [max.])
(°C [max.])
13164
200
24V
1CT
24
900
400
s90
s90
10
A
410580
30
13095
250
120V
1CT
24
900
350
s90
s90
10
H
410627
30
13163
250
24V
1CT
10X5F
900
400
s105
s105
5
A
409751
60
13631
250
24V
1CT
24
900
400
s90
s90
10
F
410757
30
13830
250
82V
1CT
24
900
400
s90
s90
10
H
410665
30
13096
300
120V
1CT
24
900
350
s90
s90
13
H
410573
30
14502
300
82V
1CT
24
900
400
s90
s90
14
F
410702
30
D
Dim.
C
D
no.
max. max.
40
35
42
35
37
35
41
25
D
Dim.
C
D
no.
max.
max.
45.00 50.00
46.00 50.00
42.00 50.00
44.45 50.00
43.00 49.70
44.45 50.67
47.00 50.00
44.50 50.70
44.45 50.70
44.45 42.03
D
Dim.
C
D
no.
max. max.
42
50
D
Dim.
C
D
no.
max. max.
50
50
D
Dim.
C
D
no.
max. max.
37
25
Additional technical data
Product name
Luminous Flux Lamp
Reflector Finish
Bulb
Bulb Material
(lm)
13194 85W GX5.3 13.8V
-
Smooth
R50
Quartz-UV Open
13158 150W GX5.3 21V
320
Stippled
R50
Quartz-UV Open
14501 150W GX5.3 20V
400
Facetted
R50
Quartz-UV Open
14527 150W GX5.3 21V
-
Coated Specular Dichroic
R50
Quartz-UV Open
6423XHP FO 150W GZ6.35 15V
-
-
R50
Quartz-UV Open
6423FO 150W GZ6.35 15V
-
-
R50
Quartz-UV Open
JCR 15V 150W 5H
-
Smooth
MR16
Quartz-UV Open
6847 FO 50W GZ6.35 8V
-
-
R50
Quartz-UV Open
13189 50W GX5.3 13.8V
-
Smooth
R50
Quartz-UV Open
13125 50W Special 13.8V
-
Smooth
R50
Quartz-UV Open
13165 35W GZ4 14V
-
Smooth Dichroic
R35
Quartz-UV Open
14515 FO 75W GX5.3 12V
-
-
R50
Quartz-UV Open
14552 75W GZ4 12V
-
Smooth Dichroic
R35
Quartz-UV Open
6853 FO 75W GZ6.35 12V
-
-
R50
Quartz-UV Open
13865 75W G5.3/4.8 12V
-
Smooth Dichroic
R35
Quartz-UV Open
6834FO 100W GZ6.35 12V
-
-
R50
Quartz-UV Open
13122 25W GZ4 13.8V
-
Smooth
R35
Quartz-UV Open
13711 25W GZ4 13.8V
-
Smooth
R35
Quartz-UV Open
13186 90W GX5.3 14.5V
-
Smooth
R50
Quartz-UV Open
13155 30W GX5.3 13.8V
-
Smooth
R50
Quartz-UV Open
13528 15W GZ4 6V
-
Smooth
R35
Quartz-UV Open
More data see next page
Sunday nd March,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com