Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP411 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 6Page - Texas Instruments TMP411 Datasheet HTML 7Page - Texas Instruments TMP411 Datasheet HTML 8Page - Texas Instruments TMP411 Datasheet HTML 9Page - Texas Instruments TMP411 Datasheet HTML 10Page - Texas Instruments TMP411 Datasheet HTML 11Page - Texas Instruments TMP411 Datasheet HTML 12Page - Texas Instruments TMP411 Datasheet HTML 13Page - Texas Instruments TMP411 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
0.1µF
TMP411
D+
D
í
V+
1
8
7
6
4
5
3
2
RS
RS
CDIFF
CDIFF
GND
SCL
SDA
ALERT/THERM2
THERM
+5V
SMBus
Controller
Fan Controller
Diode
íconnected configuration
Series Resistance
Transistor
íconnected configuration
Copyright © 2016, Texas Instruments Incorporated
RS
RS
(2)
(2)
(3)
(1)
(3)
(2)
(2)
(1):
:
10 k
Ÿ
(typ)
10 k
Ÿ
(typ)
10 k
Ÿ
(typ)
10 k
Ÿ
(typ)
10
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TMP411 is a dual-channel digital temperature sensor that combines a local die-temperature measurement
channel in a single VSSOP-8 or SOIC-8 package. The TMP411 is two-wire and SMBus interface-compatible and
is specified over a temperature range of –40°C to +125°C. The TMP411 device contains multiple registers for
holding configuration information, temperature measurement results, temperature comparator maximum and
minimum limits, and status information.
User-programmed high and low temperature limits stored in the TMP411 triggers an overtemperature or
undertemperature alarm (ALERT) on local and remote temperatures. Additional thermal limits can be
programmed into the TMP411 and can trigger another flag (THERM) that initiates a system response to rising
temperatures.
The TMP411 requires only a transistor connected between D+ and D– for proper remote temperature sensing
operation. The SCL and SDA interface pins require pullup resistors as part of the communication bus, while
ALERT and THERM pins are open-drain outputs that require pullup resistors. ALERT and THERM pins can be
shared with other devices for a wired-OR implementation, if desired. TI recommends using a 0.1-µF power-
supply bypass capacitor for good local bypassing. Figure 11 shows a typical configuration for the TMP411 .
(1)
Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series
resistance cancellation. NPN transistors must be diode-connected. PNP transistors can either be transistor or diode-
connected. TI recommends this layout for the MMBT3906LP and MMBT3904LP devices.
(2)
Rs (optional) must be < 1.5 kΩ in most applications. Selections of Rs depends on specific applications; see the
Filtering section.
(3)
CDIFF (optional) must be < 1000 pF in most applications. Selection of CDIFF depends on specific application; see the
Filtering section and Figure 5.
Figure 11. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com