Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP236A2DBZR Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP236A2DBZR
Description  TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP236A2DBZR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP236A2DBZR Datasheet HTML 10Page - Texas Instruments TMP236A2DBZR Datasheet HTML 11Page - Texas Instruments TMP236A2DBZR Datasheet HTML 12Page - Texas Instruments TMP236A2DBZR Datasheet HTML 13Page - Texas Instruments TMP236A2DBZR Datasheet HTML 14Page - Texas Instruments TMP236A2DBZR Datasheet HTML 15Page - Texas Instruments TMP236A2DBZR Datasheet HTML 16Page - Texas Instruments TMP236A2DBZR Datasheet HTML 17Page - Texas Instruments TMP236A2DBZR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TMP235A2DBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-40 to 150
2352
TMP235A2DBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
2352
TMP235A2DBZRG4.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
-
Call TI
Call TI
-40 to 150
TMP235A2DBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 150
2352
TMP235A2DCKR
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-40 to 150
19L
TMP235A2DCKR.A
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
19L
TMP235A2DCKT
Obsolete
Production
SC70 (DCK) | 5
-
-
Call TI
Call TI
-40 to 150
19L
TMP235A4DBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-40 to 150
2354
TMP235A4DBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
2354
TMP235A4DBZRG4.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
2354
TMP235A4DBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 150
2354
TMP235A4DCKR
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-40 to 150
19M
TMP235A4DCKR.A
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 150
19M
TMP235A4DCKT
Obsolete
Production
SC70 (DCK) | 5
-
-
Call TI
Call TI
-40 to 150
19M
TMP236A2DBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-10 to 125
2362
TMP236A2DBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-10 to 125
2362
TMP236A2DBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-10 to 125
2362
TMP236A2DCKR
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-10 to 125
1BS
TMP236A2DCKR.A
Active
Production
SC70 (DCK) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-10 to 125
1BS
TMP236A2DCKT
Obsolete
Production
SC70 (DCK) | 5
-
-
Call TI
Call TI
-10 to 125
1BS
TMP236A4DBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU | SN
| NIPDAUAG
Level-1-260C-UNLIM
-10 to 125
2364
TMP236A4DBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-10 to 125
2364
TMP236A4DBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-10 to 125
2364
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com