Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP236A2DBZR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP236A2DBZR.A
Description  TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP236A2DBZR.A Datasheet(HTML) 1 Page - Texas Instruments

  TMP236A2DBZR.A Datasheet HTML 1Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 2Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 3Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 4Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 5Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 6Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 7Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 8Page - Texas Instruments TMP236A2DBZR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
D003
TMP235
TMP236
GND
VOUT
VDD
Thermal Diodes
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP235, TMP236
SBOS857E – SEPTEMBER 2017 – REVISED MAY 2019
TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
1
1 Features
1
•
Cost-effective alternative to thermistors
•
Tight accuracy across a wide temperature range:
–
±2.5°C (maximum): –40°C to +150°C
(TMP235)
–
±2.5°C (maximum): –10°C to +125°C
(TMP236)
•
Available in two accuracy level variants:
–
A2 level: ±0.5°C (typical)
–
A4 level: ±1°C (typical)
•
Positive slope sensor gain, offset (typical):
–
10 mV/°C, 500 mV at 0°C (TMP235)
–
19.5 mV/°C, 400 mV at 0°C (TMP236)
•
Wide operating supply voltage range:
–
2.3 V to 5.5 V (TMP235)
–
3.1 V to 5.5 V (TMP236)
•
Short-circuit protected output
•
Low power: 9 μA (typical)
•
Strong output for driving loads up to 1000 pF
•
Available package options:
–
5-pin SC70 (DCK) surface mount
–
3-pin SOT-23 (DBZ) surface mount
–
Footprint compatible with industry-standard
LMT8x-Q1 and LM20 temperature sensors
2 Applications
•
Grid infrastructure
•
Wireless and telecom infrastructure
•
Automotive infotainment
•
Factory automation and control
•
Test and measurement
3 Description
The TMP23x devices are a family of precision CMOS
integrated-circuit linear analog temperature sensors
with an output voltage proportional to temperature
engineers can use in multiple analog temperature-
sensing applications. These temperature sensors are
more accurate than similar pin-compatible devices on
the market, featuring typical accuracy from 0°C to
+70°C of ±0.5°C. The increased accuracy of the
series is designed for many analog temperature-
sensing applications.The TMP235 device provides a
positive slope output of 10 mV/°C over the full –40°C
to +150°C temperature range and a supply range
from 2.3 V to 5.5 V. The higher gain TMP236 sensor
provides a positive slope output of 19.5 mV/°C from
–10°C to +125°C and a supply range from 3.1 V to
5.5 V.
The 9-µA typical quiescent current and 800-µs typical
power-on
time
enable
effective
power-cycling
architectures to minimize power consumption for
battery-powered devices. A class-AB output driver
provides a strong 500-µA maximum output to drive
capacitive loads up to 1000 pF and is designed to
directly interface to analog-to-digital converter sample
and hold inputs. With excellent accuracy and a strong
linear output driver, the TMP23x analog output
temperature sensors are cost-effective alternatives to
passive thermistors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP235,
TMP236
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
Output Voltage vs Ambient


Similar Part No. - TMP236A2DBZR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP236A2DBZR TI1-TMP236A2DBZR Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
More results

Similar Description - TMP236A2DBZR.A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Texas Instruments
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
High accuracy analog output dual axis position sensor
Version 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com