Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS73HD301 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS73HD301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73HD301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73HD301 Datasheet HTML 9Page - Texas Instruments TPS73HD301 Datasheet HTML 10Page - Texas Instruments TPS73HD301 Datasheet HTML 11Page - Texas Instruments TPS73HD301 Datasheet HTML 12Page - Texas Instruments TPS73HD301 Datasheet HTML 13Page - Texas Instruments TPS73HD301 Datasheet HTML 14Page - Texas Instruments TPS73HD301 Datasheet HTML 15Page - Texas Instruments TPS73HD301 Datasheet HTML 16Page - Texas Instruments TPS73HD301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
LINE REGULATION
0
45
6
7
5
15
20
89
10
10
−5
−10
−15
−20
TA = 25°C
IO = 250 mA
3.3-V Regulator
VI − Input Voltage − V
Figure 12
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.53
2.52
2.5
2.49
2.48
2.47
2.51
0
200
400
600
800
2.54
2.55
2.46
2.45
VI = 10 V
IO − Output Current − mA
VI = 3.5 V
Adjustable Regulator
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.38
3.36
3.32
3.30
3.28
3.26
3.34
0
200
400
600
800
3.24
3.22
VI = 4.3 V
IO − Output Current − mA
VI = 10 V
3.3-V Regulator
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com