Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2103DBEVAL1Z Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HIP2103DBEVAL1Z
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103DBEVAL1Z Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HIP2103DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp HIP2103DBEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
HIP2103, HIP2104
5. Functional Description
FN8276 Rev.2.0
Page 18 of 30
Feb 25, 2021
5.
Functional Description
The HIP2103 has independent control inputs, LI and HI, for each output, LO and HO. There is no logic inversion
for these input/output pairs. To minimize the possibility of shoot-through failures of the bridge FETs caused by
improper LI and HI signals from an external controller, internal logic in the driver prevents both outputs being high
simultaneously. When either input is high, the high input must go low before a high on the other input propagates
to its respective drive output. If both inputs are high simultaneously, both outputs are low. If one input is high,
followed by the other input going high, the internal logic prevents any shoot through. Note that the internal logic
does not prevent shoot-through if the dead time provided by the external controller is not sufficiently long as
required by the turn-on and turn-off times of the bridge FETS.
If both inputs are high simultaneously for longer than 30µs, the driver initiates a Sleep Mode to reduce the bias
current to minimize the battery drain. When in Sleep Mode, the HO output is in a high-impedance state (2MΩ
between HO and HS) and the LO output is held low with an active 100Ω pull-down resistor. The 100Ω pull-down
prevents inadvertent shoot-through resulting from transients on the bridge voltage while both drivers are in Sleep
Mode.
The Undervoltage Lockout (UVLO) on VDD drives HO and LO low when VDD is less than the UV threshold. Sleep
Mode is initiated if UVLO is asserted for longer than 30µs.
The high-side driver bias is established by the boot capacitor connected between HB and HS. The charge on the
boot capacitor is provided by the internal boot FET that is connected between VDD and HB. The current path to
charge the boot capacitor is enabled (boot FET is on) when the drain voltage on the low-side bridge FET (VHO) is
<1V and HO = 0. When the boot FET is on, the boot capacitor is charged to approximately VDD.
The boot FET turns off when H0 = 1. The boot capacitor provides the charge necessary to turn on the FET and
maintains the bias voltage on the high-side driver for the duration of the period while the FET is on. See “Selecting
the Boot Capacitor Value” on page 19 for details on selecting the boot capacitor value.
The peak charge current is limited in amplitude by the inherent resistance of the boot FET and by the delta
voltage between VDD and the drain-source voltage of the low-side bridge FET (VHS) less the boot capacitor
voltage. Assuming that the low-side FET’s on-time is sufficiently long to fully charge the boot capacitor, the boot
voltage charges very close to VDD (less the voltage across the drain-source of the low-side bridge FET).
When the HI input transitions high, the high-side bridge FET is driven on. Because the HS node is connected to
the source of the high-side FET, the HS node rises almost to the level of the bridge voltage, VBAT (less the
conduction voltage across the bridge FET). Because the boot capacitor voltage is referenced to the source
voltage of the high-side FET, the HB node is VDD volts above the HS node. Simultaneously with HI = 1, the boot
FET is turned off preventing the boot capacitor from discharging back to VDD. Because the high-side driver circuit
is referenced to the HS node, the HO output is now approximately VHB + VBAT above ground.
During the low-to-high transition of the phase node (HS), the boot capacitor sources the necessary gate charge to
fully enhance the high-side bridge FET gate. After the gate of the bridge FET is fully charged, the boot capacitor
no longer sources charge to the gate but continues to provide bias current to the high-side driver through out the
period while the high-side bride FET is on.
To prevent the voltage on the boot capacitor from drooping excessively, the boot capacitor value must be sized
appropriately. If the boot voltage droops to the UVLO threshold, the high-side FET is turned off to prevent damage
due to insufficient gate voltage.
5.1
HIP2104 LDOs
The HIP2104 integrates two internal LDOs, VCC and VDD. The 3.3V on VCC provides bias for an external MCU
or other controller. The 12V on VDD provides bias for the gate driver outputs and bootstrap circuit on the HIP2104
and additionally for biasing the VDD pin on one or more HIP2103 when used in a 3-phase Brushless DC (BLDC)
or multi-phase DC/DC half-bridge topologies. The VCC LDO’s maximum output current is 75mA at 3.3V. The VDD
LDO’s maximum output is also 75mA at 12V. Note: Dynamic operating current on the HIP2103/HIP2104 drivers is
a function of operating frequency and capacitive loading, which determines the loading on the VDD LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com