Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMCJ33C Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # SMCJ33C
Description  POWER 1500Watts VOLTAGE 5.0 to 188 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMCJ33C Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  SMCJ33C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMCJ33C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMCJ33C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMCJ33C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T(1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MC J 33(C )
G F L
B F L
36.7
44.9
1.0
33
1.0
25.4
59.0
S MC J 33(C )A
G F M
B F M
36.7
40.6
1.0
33
1.0
28.1
53.3
S MC J 36(C )
G F N
B F N
40.0
48.9
1.0
36
1.0
23.3
64.3
S MC J 36(C )A
G F P
B F P
40.0
44.2
1.0
36
1.0
25.8
58.1
S MC J 40(C )
G F Q
B F Q
44.4
54.3
1.0
40
1.0
21.0
71.4
S MC J 40(C )A
G F R
B F R
44.4
49.1
1.0
40
1.0
23.3
64.5
S MC J 43(C )
G F S
B F S
47.8
58.4
1.0
43
1.0
19.6
76.7
S MC J 43(C )A
G F T
B F T
47.8
52.8
1.0
43
1.0
21.6
69.4
S MC J 45(C )
G F U
G F U
50.0
61.1
1.0
45
1.0
18.7
80.3
S MC J 45(C )A
G F V
G F V
50.0
55.3
1.0
45
1.0
20.6
72.7
S MC J 48(C )
G F W
G F W
53.3
65.1
1.0
48
1.0
17.5
85.5
S MC J 48(C )A
G F X
G F X
53.3
58.9
1.0
48
1.0
19.4
77.4
S MC J 51(C )
G F Y
G F Y
56.7
69.3
1.0
51
1.0
16.5
91.1
S MC J 51(C )A
G F Z
G F Z
56.7
62.7
1.0
51
1.0
18.2
82.4
S MC J 54(C )
G G D
G G D
60.0
73.3
1.0
54
1.0
15.6
96.3
S MC J 54(C )A
G G E
G G E
60.0
66.3
1.0
54
1.0
17.2
87.1
S MC J 58(C )
G G F
G G F
64.4
78.7
1.0
58
1.0
14.6
103
S MC J 58(C )A
G G G
G G G
64.4
71.2
1.0
58
1.0
16.0
93
S MC J 60(C )
G G H
G G H
66.7
81.5
1.0
60
1.0
14.0
107
S MC J 60(C )A
G G K
G G K
66.7
73.7
1.0
60
1.0
15.5
96
S MC J 64(C )
G G L
G G L
71.1
86.9
1.0
64
1.0
13.2
114
S MC J 64(C )A
G G M
G G M
71.1
78.6
1.0
64
1.0
14.6
103
S MC J 70(C )
G G N
G G N
77.8
95.1
1.0
70
1.0
12.0
125
S MC J 70(C )A
G G P
G G P
77.8
86.0
1.0
70
1.0
13.3
113
S MC J 75(C )
G G Q
G G Q
83.3
102
1.0
75
1.0
11.2
134
S MC J 75(C )A
G G R
G G R
83.3
92.1
1.0
75
1.0
12.4
121
S MC J 78(C )
G G S
G G S
86.7
106
1.0
78
1.0
10.8
139
S MC J 78(C )A
G G T
G G T
86.7
95.8
1.0
78
1.0
11.9
126
S MC J 85(C )
G G U
G G U
94.4
115
1.0
85
1.0
9.9
151
S MC J 85(C )A
G G V
G G V
94.4
104
1.0
85
1.0
10.9
137
S MC J 90(C )
G G W
G G W
100
122
1.0
90
1.0
9.4
160
S MC J 90(C )A
G G X
G G X
100
111
1.0
90
1.0
10.3
146
S MC J 100(C )
G G Y
G G Y
111
136
1.0
100
1.0
8.4
179
S MC J 100(C )A
G G Z
G G Z
111
123
1.0
100
1.0
9.3
162
S MC J 110(C )
G HD
G HD
122
149
1.0
110
1.0
7.7
196
S MC J 110(C )A
G HE
G HE
122
135
1.0
110
1.0
8.5
177
S MC J 120(C )
G HF
G HF
133
163
1.0
120
1.0
7.0
214
S MC J 120(C )A
G HG
G HG
133
147
1.0
120
1.0
7.8
193
S MC J 130(C )
G HH
G HH
144
176
1.0
130
1.0
6.5
231
S MC J 130(C )A
G HK
G HK
144
159
1.0
130
1.0
7.2
209
S MC J 150(C )
G HL
G HL
167
204
1.0
150
1.0
5.6
268
S MC J 150(C )A
G HM
G HM
167
185
1.0
150
1.0
6.2
243
S MC J 160(C )
G HN
G HN
178
218
1.0
160
1.0
5.2
287
S MC J 160(C )A
G HP
G HP
178
197
1.0
160
1.0
5.8
259
S MC J 170(C )
G HQ
G HR
G HQ
189
231
1.0
170
1.0
4.9
304
S MC J 170(C )A
G HR
189
209
1.0
170
1.0
5.5
275
S MC J 188(C )
G HT
G HT
209
255
1.0
188
1.0
4.4
344
S MC J 188(C )A
G HS
G HS
209
231
1.0
188
1.0
4.6
328
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com