Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN920DSP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN920DSP
Description  HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP Datasheet(HTML) 2 Page - STMicroelectronics

  VN920DSP_04 Datasheet HTML 1Page - STMicroelectronics VN920DSP_04 Datasheet HTML 2Page - STMicroelectronics VN920DSP_04 Datasheet HTML 3Page - STMicroelectronics VN920DSP_04 Datasheet HTML 4Page - STMicroelectronics VN920DSP_04 Datasheet HTML 5Page - STMicroelectronics VN920DSP_04 Datasheet HTML 6Page - STMicroelectronics VN920DSP_04 Datasheet HTML 7Page - STMicroelectronics VN920DSP_04 Datasheet HTML 8Page - STMicroelectronics VN920DSP_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VN920DSP
2/19
Figure 2. Block Diagram
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 25
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.25mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=45A)
362
mJ
Ptot
Power Dissipation TC=25°C
96.1
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
UNDERVOLTAGE
OVERTEMPERATURE
VCC
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
STATUS
VCC
CLAMP
ON STATE OPENLOAD
OFF STATE OPENLOAD
AND OUTPUT SHORTED TO VCC
DETECTION
DETECTION
DETECTION
DETECTION
DETECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com