Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17PM Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # 17PM
Description  MOTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

17PM Datasheet(HTML) 1 Page - NMB Technologies Corporation

  17PM Datasheet HTML 1Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.65
(42)
.94
(24)
L1
.67
(17)
LEAD WIRE
AWG#24 UL1007
.59
(15)
1.22
(31)
.11
(2.7)
.20
(5)
.13
(3.2)
PIN NO.
1
6
4-M3x0.5
.32
(8)
LEAD WIRE
AWG#24
UL3266
LEAD EXIT TYPE
.20
(5)
+
+
mtf
17PM/17PU
1.8º/3.75º
Model Specifications
A
A COM
A
B
B COM
B
RED
BLK
YEL
BLU
WHT
ORG
32
1
4
5
6
PIN NO. VS PHASE
1.65
(42)
.94
(24)
L2
LEAD WIRE
AWG#24 UL1007
1.95
(49.5)
.11
(2.7)
.06
(1.6)
.32
(8)
LEAD WIRE
AWG#24
UL3266
2.22
(56.5)
2- 3.5
(M3x0.5)
.06
(1.6)
LEAD EXIT TYPE
.67
(17)
.59
(15)
PIN NO.
1
6
+
+
Model
Magnet
Step
Drive
Rated
Winding
Holding
Inductance
Rotor
Detent
Weight
Number
Angle
Sequence
Current/Wdg
Resistance
Torque
Inertia
Torque
Degrees
Amps
Ohms
Nm (kg-cm)
mH
kg-cm2
Nm (g-cm)
g
17PM-K233-**ST
Ferrite
1.8º
UNIPOLAR
0.8
4.3
0.123 (1.25)
4.3
0.028
0.004 (40)
180
17PM-K233-**ST
Neodymium
1.8º
UNIPOLAR
0.8
4.3
0.132 (1.35)
4.4
0.028
0.006 (60)
180
17PM-K234-**ST
Ferrite
1.8º
BIPOLAR
0.8
4.3
0.152 (1.55)
7.7
0.028
0.004 (40)
180
17PM-K234-**ST
Neodymium
1.8º
BIPOLAR
0.8
4.3
0.176 (1.8)
8.2
0.028
0.006 (60)
180
17PM-K035-**ST
Ferrite
1.8º
UNIPOLAR
0.8
5.1
0.162 (1.65)
6.0
0.034
0.004 (40)
200
17PM-K035-**ST
Neodymium
1.8º
UNIPOLAR
0.8
5.1
0.216 (2.2)
4.9
0.034
0.01 (100)
200
17PM-K036-**ST
Ferrite
1.8º
BIPOLAR
0.8
5.1
0.201 (2.05)
11.3
0.034
0.004 (40)
200
17PM-K036-**ST
Neodymium
1.8º
BIPOLAR
0.8
5.1
0.289 (2.95)
8.9
0.034
0.01 (100)
200
17PM-K507-**ST
Ferrite
1.8º
UNIPOLAR
0.8
5.5
0.172 (1.75)
7.0
0.040
0.005 (50)
220
17PM-K507-**ST
Neodymium
1.8º
UNIPOLAR
0.8
5.5
0.245 (2.5)
5.9
0.040
0.012 (120)
220
17PM-K508-**ST
Ferrite
1.8º
BIPOLAR
0.8
5.5
0.221 (2.25)
13.4
0.040
0.005 (50)
220
17PM-K508-**ST
Neodymium
1.8º
BIPOLAR
0.8
5.5
0.323 (3.3)
11.3
0.040
0.012 (120)
220
17PU-H211-**ST
Ferrite
3.75º
UNIPOLAR
0.8
4.3
0.069 (0.7)
3.6
0.028
0.007 (70)
180
17PU-H211-**ST
Neodymium
3.75º
UNIPOLAR
0.8
4.3
0.078 (0.8)
3.7
0.028
0.008 (80)
180
17PU-H212-**ST
Ferrite
3.75º
BIPOLAR
0.8
4.3
0.088 (0.9)
6.7
0.028
0.007 (70)
180
17PU-H212-**ST
Neodymium
3.75º
BIPOLAR
0.8
4.3
0.098 (1)
7.3
0.028
0.008 (80)
180
17PU-H013-**ST
Ferrite
3.75º
UNIPOLAR
0.8
5.1
0.088 (0.9)
4.7
0.034
0.008 (80)
200
17PU-H013-**ST
Neodymium
3.75º
UNIPOLAR
0.8
5.1
0.132 (1.35)
4.2
0.034
0.021 (210)
200
17PU-H014-**ST
Ferrite
3.75º
BIPOLAR
0.8
5.1
0.123 (1.25)
9.3
0.034
0.008 (80)
200
17PU-H014-**ST
Neodymium
3.75º
BIPOLAR
0.8
5.1
0.172 (1.75)
8.3
0.034
0.021 (210)
200
17PU-H503-**ST
Ferrite
3.75º
UNIPOLAR
0.8
5.5
0.103 (1.05)
5.7
0.040
0.008 (80)
220
17PU-H503-**ST
Neodymium
3.75º
UNIPOLAR
0.8
5.5
0.157 (1.6)
5.2
0.040
0.023 (230)
220
17PU-H502-**ST
Ferrite
3.75º
BIPOLAR
0.8
5.5
0.137 (1.4)
11.3
0.040
0.008 (80)
220
17PU-H502-**ST
Neodymium
3.75º
BIPOLAR
0.8
5.5
0.201 (2.05)
9.5
0.040
0.023 (230)
220
Standard Mount Type
17PM-K2XX,K0XX,K5XX, 17PU-H2XX,H0XX,H5XX
Special Mount Type
L1
L2
17P*-*2**
28 MAX
29.6 MAX
17P*-*0**
32 MAX
33.6 MAX
17P*-*5**
34 MAX
35.6 MAX
MOTOR LENGTH (mm)
UNIT:
(mm)
inch
34
NMB Technologies Corporation nmbtc.com


Similar Part No. - 17PM

ManufacturerPart #DatasheetDescription
logo
NMB Technologies Corpor...
17PM-J NMB-17PM-J Datasheet
87Kb / 2P
Motor
17PM-J049B NMB-17PM-J049B Datasheet
87Kb / 2P
Motor
17PM-J049U NMB-17PM-J049U Datasheet
87Kb / 2P
Motor
17PM-J064U NMB-17PM-J064U Datasheet
87Kb / 2P
Motor
17PM-J142B NMB-17PM-J142B Datasheet
87Kb / 2P
Motor
More results

Similar Description - 17PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
logo
celduc-relais
SV969300 CELDUC-SV969300 Datasheet
187Kb / 5P
MOTOR REVERSER
SV969500 CELDUC-SV969500 Datasheet
392Kb / 5P
MOTOR REVERSER
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
MinebeaMitsumi Inc.
PPN13 MINEBEAMITSUMI-PPN13 Datasheet
101Kb / 1P
Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com