Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS53014DGS Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS53014DGS
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014DGS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments TPS53014DGS Datasheet HTML 10Page - Texas Instruments TPS53014DGS Datasheet HTML 11Page - Texas Instruments TPS53014DGS Datasheet HTML 12Page - Texas Instruments TPS53014DGS Datasheet HTML 13Page - Texas Instruments TPS53014DGS Datasheet HTML 14Page - Texas Instruments TPS53014DGS Datasheet HTML 15Page - Texas Instruments TPS53014DGS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
VIN
VIN
EN
VOUT
EN
VFB
VREG5
SS
VIN
TPS53014
SW
DRVL
DRVH
VBST
PGND
SGND
PGND
1
2
3
4
5
6
7
8
9
10
UV
OV
UVLO
TSD
EN
LOGIC
SS LOGIC
PROTECTION
LOGIC
OCL
SW
6.4µA
10µA
1
SHOT
CONTROL
LOGIC
VREG5
VREG5
XCON
REF
VREG5
UVLO
REF
-32%
+20%
+
+
+
+
+
-
-
-
-
SS
REF
SGND
PGND
UV
OV
ADC
12
TPS53014
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS53014 is single synchronous step-down (buck) controller. It operates using D-CAP2™ mode control.
The fast transient response of D-CAP2™ control reduces the required amount of output capacitance to meet a
specific level of performance. Proprietary internal circuitry allows the use of low ESR output capacitors including
ceramic and special polymer types.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 PWM Operation
The main control loop of the TPS53014 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2™ control mode. D-CAP2™ control combines constant on-time control with an
internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output. At the
beginning of each cycle, the high-side MOSFET is turned on. this MOSFET is turned off when the internal timer
expires. This timer is set by the converter input voltage VIN, and the output voltage VO, to maintain a pseudo-
fixed frequency over the input voltage range, hence it is called adaptive on-time control. The timer is reset and
the high-side MOSFET is turned on again when the feedback voltage falls below the nominal output voltage. An
internal ramp is added to the reference voltage to simulate output ripple, eliminating the need for ESR induced
output ripple from D-CAP2™ mode control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com