Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PFS7523-7529 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 10Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 11Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 12Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 13Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 14Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 15Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 16Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 17Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Rev. D 04/25
14
PFS7523-7529/7533-7539
www.power.com
3
4
S
C
PGT
FB
VCC
PG
PG_PFS
VRECT
VCC
SUPPLY
RTN
K
D
REF
G
V
CONTROL
HiperPFS-3
U6
PFS7539H
T2
PQ26/25
141 µH
+VO
C47
1 µF
25 V
C44
1 µF
50 V
R54
13 kΩ
1%
R53
332 kΩ
1%
C43
1 nF
50 V
C41
10 nF
1 kV
C45
470 pF
50 V
C40
220 µF
450 V
C49
56 µF
450 V
C61
680 pF
250 VAC
C62
680 pF
250 VAC
R57
162 kΩ
1%
R47
3.6 MΩ
1%
R48
6.2 MΩ
1%
R50
6.2 MΩ
1%
R51
3.74 MΩ
1%
R56
158 kΩ
1%
R49
6.2 MΩ
R55
6.2 MΩ
C46
1 µF
50 V
D8
1N5408G
C42
100 nF
25 V
VR3
MMSZ5242C-E3-08
12 V
Q2
MMBT4401LT1G
R71
10 kΩ
R52
2.2 Ω
1%
D11
S1AB-13-F
RTN
PE
C48
470 pF
50 V
PI-10073-040325
R44
10 Ω
1%
R46
10 kΩ
R45
100 Ω
1%
RLY_DRV
RTN
VCC
Q10
DMN10H700S-7
RL1
SPST NO
3
4
2
1
C39
10 µF
35 V
RTN
VRECT
L
J1
PE
J2
N
J3
RV1
320 VAC
180 - 264
VAC
CAPZero
U5
CAP003DG
C34
1 µF
450 V
BR2
GBU8K-BP
800 V
L4
1 mH
L1
9 mH
C36
330 nF
275 VAC
C35
330 nF
275 VAC
C60
330 nF
275 VAC
C33
680 nF
250 VAC
C37
680 nF
250 VAC
C32
680 nF
250 VAC
C38
680 nF
250 VAC
F1
6.3 A
L2
390 µH
D2
D1
R42
510 kΩ
R83
100 kΩ
1%
R84
100 kΩ
1%
RT1
16 Ω
R85
100 kΩ
1%
R86
100 kΩ
1%
R43
510 kΩ
1
4
2
3
1
2
3
4
tO
1
2
3
4
2
3
1
4
BR1
GBU8K-BP
800 V
Figure 14. 750 W PFC using PFS7539L/H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com