Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PFS7524L/H Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 20Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 21Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 22Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 23Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 24Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 27Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Rev. D 04/25
24
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Line-Sense/Peak Detector (cont.)
Brown-Out
Threshold Voltage
V
BR-
Universal Input Devices
(PFS7523-PFS7529)
0 °C < T
J(C) < 100 °C
0.93
0.97
1.02
V
High-Line Only Input Devices
(PFS7533-PFS7539)
0 °C < T
J(C) < 100 °C
2.15
2.21
2.27
Brown-In/Out Hysteresis
(After NTC Warm-Up
Time)
V
BR(HYS)
0 °C < T
J(C) < 100 °C
0.13
0.145
0.160
V
Brown-Out Threshold
for High Duty Cycle
Square Wave
V
BR(SQ)
Universal Input Devices
(PFS7523-PFS7529)
0.86
V
High-Line Only Input Devices
(PFS7533-PFS7539)
1.93
Start-Up Brown-Out
Threshold Voltage
(During NTC Warm-Up
Time)
V
BR(NTC)
Universal Input Devices
(PFS7523-PFS7529)
0.74
V
High-Line Only Input Devices
(PFS7533-PFS7539)
1.57
Brown-Out NTC
Debounce Timer
t
BRWNOUT(NTC)
See Note A
875
1000
1160
ms
Brown-Out
Debounce Timer
t
BRWNOUT
See Note A
43
54
66
ms
Start-Up Timer for Using
Lower brown-Out
Threshold (V
BR-NTC)
t
STARTUP
See Note A
875
1000
1160
ms
VOLTAGE Pin High-Line
Assertion Threshold
V
V(HIGH+)
See Note A
2.42
V
VOLTAGE Pin High-Line
Deassertion Threshold
V
V(HIGH-)
See Note A
2.00
V
VOLTAGE Pin Minimum
Asserted Peak Value
V
PK(MIN)
See Note A
0.71
V
Current Limit/Circuit Protection
Over-Current
Protection
PFS7523L/H
di/dt = 250 mA/µs
T
J(C) = 25 °C
V
V < 2 V
3.8
4.1
4.3
A
V
V > 2.42 V
2.6
2.8
3.0
PFS7524L/H
di/dt = 300 mA/µs
T
J(C) = 25 °C
V
V < 2 V
4.5
4.8
5.1
V
V > 2.42 V
3.0
3.3
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com