Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFS7702H Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # TFS7702H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7702H Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button TFS7702H Datasheet HTML 21Page - Power Integrations, Inc. TFS7702H Datasheet HTML 22Page - Power Integrations, Inc. TFS7702H Datasheet HTML 23Page - Power Integrations, Inc. TFS7702H Datasheet HTML 24Page - Power Integrations, Inc. TFS7702H Datasheet HTML 25Page - Power Integrations, Inc. TFS7702H Datasheet HTML 26Page - Power Integrations, Inc. TFS7702H Datasheet HTML 27Page - Power Integrations, Inc. TFS7702H Datasheet HTML 28Page - Power Integrations, Inc. TFS7702H Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Rev. B 04/15
25
TFS7701-7708
www.power.com
Figure 30. Design Example: 12 V / 15 A Main Output, 12 V, 0.83 A Standby.
HD
14 - 25 V
D7
STPS30L60CT
D9
UF4005
L1
41
µH
C4
47 nF
50 V
C5
47 nF
50 V
C10
1500
µF
16 V
C24
1500
µF
16 V
R21
3.3 k
Ω
R28
100
Ω
R30
1 k
Ω
R34
19.1 k
Ω
1%
R31
4.99 k
Ω
1%
U7
LM431
U5
LM431
R33
1 k
Ω
R32
10 k
Ω
SW1
Remote
ON/OFF
U3A
PC357A
R24
3.92 k
Ω
1%
R15
1 k
Ω
R38
1 k
Ω
U1A
PC357A
R9
15 k
Ω
1%
R10
220
Ω
C9
1 nF
100 V
D8
UF4005
C19
1 nF
200 V
C20
330
µF
35 V
C1
120
µF
450 V
R26
200
Ω
C17
1000
µF
16 V
C21
2.2 nF
250 VAC
U2A
PC357A
C16
330 nF
50V
C15
330
µF
25 V
C13
470 pF
100 V
U2B
PC357A
U1B
PC357A
R25
232 k
Ω
1%
R27
232 k
Ω
1%
R39
4.7 k
Ω
D10
BAV19WS
+380 VDC
J3-1
12 V Bias
J4-1
B-
J3-3
B-
J4-2
R14
1 k
Ω
C3
100 nF
50 V
D3
1N4007
R5
4.7
Ω
1/2 W
R1
2.2
Ω
1 W
F1
3.5 A
D13
1N4005
R20
4.7 k
Ω
R16
7.5 k
Ω
R35
1.33 M
Ω
1%
R13
1.33 M
Ω
1%
R12
1.33 M
Ω
1%
R23
619
Ω
1%
R22
4.7 k
Ω
U3B
PC357A
R6
100
Ω
1/2 W
R18
1.33 M
Ω
1%
R19
1.33 M
1%
R36
1.33 M
Ω
1%
HiperTFS-2
U6
TFS7703H
D4
1N4007
D12
UF4003
D16
SB3100
2
1
3
4
6
9,10
7,8,9
10,11,12
5
HS
+380 VDC
RTN
J5-3,4
RTN
J2-2
FB
EN
T1
EF25
T2
EE16
D
G
S
5
6
VDDH
13
R
L
FB
BP
EN
7
9
10
11
8
DSB
16
14
1
3
PI-6999-110513
C12
10
µF
16 V
6,7
CONTROL
+12 V
Main
J5-1,2
+12 V
Standby
J2-1
R37
2.2
Ω
1 W
C22
3.3 nF
100 V
L2
2.2
µH
R7
2.2
Ω
1/2 W
C18
1 nF
200 V
C2
2.2 nF
1 kV
C8
47 nF
50 V
R11
39 k
Ω
Q1
MMBT4401
C6
100 nF
50 V
Design Example
R13, R35. When the input voltage reaches 100 V VDC the
LINE-SENSE pin UV standby threshold is reached and the
standby converter turns on. After several milliseconds the
standby output will reach regulation and the primary V
AUX 14-25 V
bias will be stable. R16 (7.5 k
W) will provide bias current for the
operating current of the BYPASS pin to inhibit the internal
high-voltage current source to reduce zero-load consumption.
When the input bulk voltage reaches 336 VDC which is the UV
threshold for the main converter, the main converter will initiate
a turn-on sequence once the remote-on command from
secondary is activated. The remote-on switch (SW1) on the
secondary-side for this particular design allows the user to
manually activate that main converter by turning on the remote-
on optocoupler. In actual PC designs the remote-on would be
controlled by a computer start-up command.
This optocoupler sources 6 mA (set by R23) into the BYPASS
pin of the HiperTFS-2 which is greater than the threshold
current to start the turn-on sequence for the main converter.
The main converter will first turn on the bottom switch to allow
the high-side drive to receive the bootstrap bias. After 60 ms
the main converter will start switching both high-side and
low-side main switches at 132 kHz (set by the value of C12
which is 10
mF) and the main output voltage will rise. Once the
regulator U5 becomes active, current will flow through the
optocoupler U1. The collector of U1 will sink current out of the
FEEDBACK pin to adjust for appropriate duty cycle to maintain
regulation. The normal operating sink current is between 1 mA
and 2 mA. D9 provides bootstrap charging for the high-side
driver supply pin VDDH. R14 limits the current from the
bootstrap.
High-Efficiency +12 V, 15 A Main Output and 12 V, 0.83 A
The circuit in Figure 30 is an example of a design using
HiperTFS-2 providing a 180 W +12 V forward main converter
and a 10 W, 12 V standby output from the flyback controller of
HiperTFS-2. The very high integration of two full converters
within a single package immediately shows the result of very
low external parts count for the entire design. Both the main
converter and the flyback section of HiperTFS-2 are designed to
provide very high-efficiency.
The main converter takes advantage of the ability to operate
above 50% duty factor which lowers RMS switch currents and
allows using lower voltage more efficient Schottky diodes on
the output. The flyback standby section uses Power Integrations’
TinySwitch technology which is often used in designs that
demand high-efficiency and low no-load input power consumption.
The design in Figure 30 is intended to work with a PFC boost
front end that nominally provides a 385 VDC input. The main
converter will regulate to full load between 300 VDC and
385 VDC. This voltage range guarantees greater than 20 ms
hold-up time with C1 (120
mF). R27 selects the 650 mA standby
MOSFET current limit, and R25 selects the 3.24 A main converter
current limit. The standby section is designed to operate
whether the boost PFC stage is on or off. The standby
therefore is designed to operate from 100 VDC to 385 VDC
which covers the normal universal input of 90 VAC to 265 VAC.
The start-up sequence is initiated with HiperTFS-2 charging the
BYPASS pin capacitor via the internal high-voltage current
source. Current limit selection then follows via FEEDBACK pin
and ENABLE pin resistors. The HiperTFS-2 then senses the
input voltage via the LINE-SENSE pin resistor series chain R12,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com