Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HBR2045Z Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR2045Z
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR2045Z Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR2045Z Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045Z Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本(Rev.):202211L
1/9
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR2045
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen Free-Reel
HBR2045-CA-B
HBR2045-CA-BR
N/A
N/A
HBR2045
TO-220
HBR2045Z
HBR2045ZR
N/A
N/A
HBR2045
TO-220B
HBR2045-C-B
HBR2045-C-BR
N/A
N/A
HBR2045
TO-220C
HBR2045-FA-B
HBR2045-FA-BR
N/A
N/A
HBR2045
TO-220HF
HBR2045-F1-B
HBR2045-F1-BR
N/A
N/A
HBR2045
TO-220MF-K1
主要参数
MAIN
CHARACTERISTICS
IF(AV)
20(2×10)A
VRRM
45 V
Tj
175 ℃
VF(max)
0.6V (@Tj=125℃)
封装 Package
用途
 高频开关电源
 低压续流电路和保护电
路
APPLICATIONS
 High frequency switch
power supply
 Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OB
订货信息 ORDER MESSAGE
TO-220HF
TO-22OC
TO-22OMF-K1


Similar Part No. - HBR2045Z

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR2045Z JSMC-HBR2045Z Datasheet
375Kb / 7P
SCHOTTKY BARRIER DIODE
HBR2045ZR JSMC-HBR2045ZR Datasheet
375Kb / 7P
SCHOTTKY BARRIER DIODE
More results

Similar Description - HBR2045Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com