Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HBR2045ZR Datasheet(PDF) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR2045ZR
Description  SCHOTTKY BARRIER DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR2045ZR Datasheet(HTML) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR2045ZR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2045ZR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
R
HBR2045
版本(Rev.):202211L
9/9
注意事项
1.
吉林华微电子股份有限公司的产品销售分为直销和销售代理,无论哪种方式,订货时请
与公司核实。
2.
购买时请认清公司商标,如有疑问请与公司本部联系。
3.
在电路设计时请不要超过器件的绝对最大额定值,否则会影响整机的可靠性。
4.
本说明书如有版本变更不另外告知。
NOTE
1.
Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales
agent , thus, for customers, when ordering , please check with our company.
2.
We strongly recommend customers check carefully on the trademark when buying our
product, if there is any question, please don’t be hesitate to contact us.
3.
Please do not exceed the absolute maximum ratings of the device when circuit
designing.
4.
Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this.
specification sheet and is subject to change without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街 99 号
邮编:132013
总机:86-432-64678411
传真:86-432-64665812
网址:www.hwdz.com.cn
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China.
Post Code: 132013
Tel: 86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com