Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP201YAI Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP201YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP201YAI Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP201YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 14Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
D
7/96
TOP200-4/14
11
4.7
0.6
1.0
58
1.2
0.415
0.585
0.830
1.17
1.25
1.75
1.50
2.10
1.88
2.63
2.25
3.15
150
100
125
145
25
45
75
2.0
3.3
4.2
S1 open
S1 open
S1 open
S1 open
TOP200
di/dt = 80 mA/
µs, T
j = 25˚C
TOP201
di/dt = 170 mA/
µs, T
j = 25˚C
TOP202
di/dt = 250 mA/
µs, T
j = 25˚C
TOP203
di/dt = 330 mA/
µs, T
j = 25˚C
TOP214
di/dt = 420 mA/
µs, T
j = 25˚C
TOP204
di/dt = 500 mA/
µs, T
j = 25˚C
I
C = 4 mA
I
C = 4 mA
I
C = 4 mA
See Figure 13
S2 open
I
LIMIT
t
LEB
t
ILD
I
SD
V
C(RESET)
V
V
%
Hz
A
ns
ns
°C
mA
V
SHUTDOWN/AUTO-RESTART (cont.)
UV Lockout
Threshold Voltage
Auto-restart
Hysteresis Voltage
Auto-restart
Duty Cycle
Auto-restart
Frequency
Self-protection
Current Limit
Leading Edge
Blanking Time
Current Limit
Delay
Thermal Shutdown
Temperature
Latched Shutdown
Trigger Current
Power-up Reset
Threshold Voltage
CIRCUIT PROTECTION
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
See Figure 14
Units
SOURCE = 0 V
T
j = -40 to 125°C
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com