Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KD1084DT25R Datasheet(PDF) 9 Page - STMicroelectronics

Part # KD1084DT25R
Description  5 A low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084DT25R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button KD1084DT25R Datasheet HTML 5Page - STMicroelectronics KD1084DT25R Datasheet HTML 6Page - STMicroelectronics KD1084DT25R Datasheet HTML 7Page - STMicroelectronics KD1084DT25R Datasheet HTML 8Page - STMicroelectronics KD1084DT25R Datasheet HTML 9Page - STMicroelectronics KD1084DT25R Datasheet HTML 10Page - STMicroelectronics KD1084DT25R Datasheet HTML 11Page - STMicroelectronics KD1084DT25R Datasheet HTML 12Page - STMicroelectronics KD1084DT25R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
KD1084Axx
Electrical characteristics
9/22
Table 6.
Electrical characteristics of KD1084A#33 (VI = 6.3 V, CI = CO = 10 µF (tant.),
TA = -40 to 125 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 0 mA, TJ = 25°C
3.267
3.3
3.333
V
IO = 0 to 5A, VI = 4.9 to 10V
3.234
3.35
3.366
V
ΔVO
Line regulation
IO = 0 mA, VI = 4.9 to 10V TJ = 25°C
0.5
6
mV
IO = 0 mA, VI = 4.9 to 10V
1
6
mV
ΔVO
Load regulation
IO = 0 to 5A, TJ = 25°C
3
15
mV
IO = 0 to 5A
7
20
V
Vd
Dropout voltage
IO = 5 A
1.3
1.5
V
Iq
Quiescent current
VI ≤10V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
5.5
7
A
Thermal regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, IO = 5A
VI = 6.8 ± 1.5V
60
72
dB
eN
RMS Output noise voltage
(% of VO)
TA = 25°C, f = 10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com