Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
1k
Offset
Adjust
8 11
AGND
ADC08B200
D7
D6
D5
D0
D1
D2
D3
D4
6
3
5
30
DR GND
10
V
RT
V
IN
2
46
CLK
9
0.1 µF
10 µF
+
1
4
32
0.1 µF
10 µF
V
DR
V
A
Choke
0.1 µF
10 µF
+
12
+3.3V
7
V GND
IN
38
MUL0
39
MUL1
BSIZE0
BSIZE1
24
23
DRDY
31
OE
40
OEDGE
14
EF
15
FF
16
REN
20
WEN
17
21 42 45 47
43 44 48
+
10 µF
0.1 µF
V
P
RCLK
19
ASW
25
18
WENsync
37
RESET
22
V
D
PD
13
26
27
28
36
35
34
33
29
PDADC
41
V
RM
V
RB
22
+
-
200
12
240
47
100
10 pF
Signal
Input
LMH6702
+5V
-5V
0.1µF
0.1 µF
10
Gain Adjust
4.7k
1k
0.33 µF
+3.3V
*
*
*
Ground connections marked
with "*" should enter the
ground
plane at a common point.
*
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
Figure 46. The Input Amplifier Should Incorporate Some Gain for Best Performance (see text)
POWER SUPPLY CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt their own power supplies if not adequately bypassed.
Generally, a 10 µF tantalum or aluminum electrolytic capacitor should be provided for each of the four supplies
and a 0.1 µF ceramic chip capacitor placed within one centimeter of each converter power supply pin.
To further lower the inductance in series with the capacitors, mount the 0.1 µF capacitors on the same side of
the board as the ADC and use 2 to 4 closely spaced through holes to connect the ground side of the capacitors
to the ground plane. The through holes used to ground one side of these capacitors should not be used to
connect anything else to ground. Leadless chip capacitors are preferred because they have low lead inductance.
While a single voltage source is recommended for the VA, VD and VP supplies of the ADC08B200, the VA supply
pins should be well isolated from the other supply pins to prevent any digital noise from being coupled into the
analog portions of the ADC. A choke is recommended between the VDR supply pin and the other supply pins with
adequate bypass capacitors close to each supply pin, as shown in Figure 44, Figure 45 and Figure 46.
As is the case with all high speed converters, the ADC08B200 should be assumed to have little power supply
rejection. None of the supplies for the converter should be the supply that is used for other digital circuitry in any
system with a lot of digital power being consumed. The ADC supplies should be the same supply used for other
analog circuitry.
No pin should ever have a voltage on it that is in excess of the supply voltage or below ground by more than 300
mV, not even on a transient basis. This can be a problem upon application of power and power shut-down. Be
sure that the supplies to circuits driving any of the input pins, analog or digital, do not come up any faster than
does the voltage at the ADC08B200 power pins.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com