Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200CIVS/NOPB.A Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB.A Datasheet HTML 17Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 18Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 19Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 20Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 21Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 22Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 23Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
FUNCTIONAL DESCRIPTION
The ADC08B200 integrates an 8-bit, high speed ADC and a configurable capture buffer of up to 1 kilobyte,
allowing the sampling and processing tasks to be independent of each other. This functionality is intended for
those applications that need to sample an input signal at a high rate and then read the collected samples at a
slower rate. The Timing Diagrams illustrate the operation of the ADC08B200.
The analog input signal that is within the voltage range set by VRT and VRB is digitized to eight bits. Input voltages
below VRB will cause the output word to consist of all zeroes. Input voltages above VRT will cause the output word
to consist of all ones.
The ADC08B200 exhibits a power consumption that is proportional to frequency, limiting power consumption to
what is needed at the clock rate that is used. This, its excellent performance over a wide range of clock
frequencies and the incorporation of a capture buffer make ADC08B200 an ideal choice for many 8-bit ADC
applications.
Data is acquired at the rising edge of the sample clock and, in the buffer bypass mode, the digital equivalent of
that data is available at the digital outputs 6 clock cycles plus tOD later. When the Buffer is enabled, the
converted data is written to the buffer with each internal conversion clock cycle and can be read out with the
RCLK signal. The ADC08B200 will convert as long as a CLK signal is present, but when using the buffer no
writing to the buffer will occur when that buffer is full. The output coding is straight binary.
The entire device is in the active state when the Power Down pin (PD) is low. When the PD pin is high, the entire
device is in the power down mode, consuming very little power. Holding the clock input low after raising the
Power Down pin will further reduce the power consumption in the power down mode.
When the PDADC pin is high, only the A/D converter itself is in the power down mode. The rest of the chip is left
powered up so that the capture buffer may be read. If both the PD and PDADC pins are high, the PD pin
dominates and the entire device is powered down.
The A/D converter sample clock can be either the clock signal at the CLK input pin or a multiplied version of that
clock. The clock multiplier can be 2, 4 or 8. In any case, the sample clock is also used to write the converter data
into the capture buffer when that buffer is used.
As long as the chip is not in a power down state and there is a clock signal present, the A/D converter is
converting the input signal. However, the data is stored into the capture buffer, when the buffer is used, only
while the Write Enable (WEN) input is high. The data is read from the capture buffer with the RCLK signal, which
can be a free running clock, while the Read Enable (REN) signal is high.
Note that the capture buffer on this chip must be entirely filled to its configured size before reading its contents
can begin. It is not possible to write to and read from the buffer at the same time and the WEN and REN inputs
should not be high at the same time. If they are high at the same time, the REN input is ignored. This is true
even if the REN input is high first and a read operation is progressing normally when the WEN input goes high.
Asserting the WEN input while REN is high will cause the read operation to be aborted, an internal buffer reset to
be issued (resetting the pointers) and a capture operation to begin. Although this device is intended for fast
capture and slower read out applications, it is possible for the RCLK to operate at the same rate or faster than
the sample clock.
Two status flags are provided to manage the capture buffer. As the name suggests, the Full Flag (FF) goes high
when the buffer is full. The next sample clock rise after the assertion of FF will begin writing over the oldest data
because the write pointer will "wrap around". This is called an "over run" condition. Similarly, the Empty Flag (EF)
indicates that the last of the data has been read and the buffer is empty. When EF goes high, the DRDY and
Data outputs stop switching and both DRDY and the Data lines remain low if OEDGE=1. Both remain high if
OEDGE=0.
The user has the option to stop writing to the buffer automatically upon a buffer full condition with the use of the
ASW (Auto Stop Write) input. If the ASW input is low, the buffer will be continually written to, resulting in the
possibility of the write pointer "wrapping around" and the data continually being overwritten as long as there is a
clock and the WEN input is high. If the ASW input is high, the write operation stops upon reaching the "full"
condition.
FF goes low upon device reset and when the "full" condition is removed by starting a transfer operation with the
assertion of REN. The EF output goes low when the "empty" condition is removed by starting a capture operation
with the raising of WEN. The EF output goes high upon device reset because resetting empties the buffer.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com