Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7828E/250 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS7828E/250
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828E/250 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS7828E/250 Datasheet HTML 10Page - Texas Instruments ADS7828E/250 Datasheet HTML 11Page - Texas Instruments ADS7828E/250 Datasheet HTML 12Page - Texas Instruments ADS7828E/250 Datasheet HTML 13Page - Texas Instruments ADS7828E/250 Datasheet HTML 14Page - Texas Instruments ADS7828E/250 Datasheet HTML 15Page - Texas Instruments ADS7828E/250 Datasheet HTML 16Page - Texas Instruments ADS7828E/250 Datasheet HTML 17Page - Texas Instruments ADS7828E/250 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADS7828
14
SBAS181C
www.ti.com
Internal VREF vs Turn-On Time Typical Characteristic plot.
If the PD1 bit has been set to logic ‘0’ while using the
ADS7828, then the settling time must be reconsidered
after PD1 is set to logic ‘1’. In other words, whenever the
internal reference is turned on after it has been turned off,
the settling time must be long enough to get 12-bit accu-
racy conversion.
3) When the internal reference is off, it is not turned on until
both the first Command Byte with PD1 = ‘1’ is sent
and
then a STOP condition or repeated START condition is
issued. (The actual turn-on time occurs once the STOP or
repeated START condition is issued.) Any Command Byte
with PD1 = ‘1’ issued after the internal reference is turned
on serves only to keep the internal reference on. Other-
wise, the internal reference would be turned off by any
Command Byte with PD1 = ‘0’.
The example in Figure 5 can be generalized for a HS mode
conversion cycle by simply swapping the timing of the con-
version cycle.
If using an external reference, PD1 must be set to ‘0’, and the
external reference must be settled. The typical sequence in
Figure 3 or Figure 4 can then be used.
READING WITH REFERENCE ON/OFF
The internal reference defaults to off when the ADS7828
power is on. To turn the internal reference on or off, see
Table I. If the reference (internal or external) is constantly
turned on and off, a proper amount of settling time must be
added before a normal conversion cycle can be started. The
exact amount of settling time needed varies depending on
the configuration.
See Figure 5 for an example of the proper internal reference
turn-on sequence before issuing the typical read sequences
required for the F/S mode when an internal reference is
used.
When using an internal reference, there are three things that
must be done:
1) In order to use the internal reference, the PD1 bit of
Command Byte must always be set to logic ‘1’ for each
sample conversion that is issued by the sequence, as
shown in Figure 3.
2) In order to achieve 12-bit accuracy conversion when
using the internal reference, the internal reference
settling time must be considered, as shown in the
FIGURE 5. Internal Reference Turn-On Sequence and Typical Read Sequence (F/S mode shown).
Sr
A1
100
1
0
A0
R
A
00
00
D11 D10 D9 D8
AD7 D6 . . .D1 D0
NP
SA1
10
01
1
0A0
W
ASD
C2 C1 C0
PD0 XXA
SA1
10
01
1
0A0
W
AX
X
X
X
X
XX
A
P
Wait until the required
settling time is reached
Internal Reference Turn-On Sequence
Settled Internal Reference
Settled Internal Reference
Internal Reference
Turn-On
Settling Time
Typical Read
Sequence(1)
in F/S Mode
From Master to Slave
A = acknowledge (SDA LOW)
N = not acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Sr = repeated START condition
W = '0' (WRITE)
R = '1' (READ)
From Slave to Master
Command Byte
Write-Addressing Byte
Command Byte
Write-Addressing Byte
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
ADC Power-Down Mode
(depending on power-down selection bits)
Read-Addressing Byte
2 x (8 Bits + ack/not-ack)
see
note
(2)
NOTES: (1) Typical read sequences can be reused after the internal reference is settled.
(2) To secure bus operation and loop back to the stage of write-addressing for next conversion, use repeated START.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com