Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD23280F3.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD23280F3.B
Description  CSD23280F3 –12-V P-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD23280F3.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD23280F3.B Datasheet HTML 1Page - Texas Instruments CSD23280F3.B Datasheet HTML 2Page - Texas Instruments CSD23280F3.B Datasheet HTML 3Page - Texas Instruments CSD23280F3.B Datasheet HTML 4Page - Texas Instruments CSD23280F3.B Datasheet HTML 5Page - Texas Instruments CSD23280F3.B Datasheet HTML 6Page - Texas Instruments CSD23280F3.B Datasheet HTML 7Page - Texas Instruments CSD23280F3.B Datasheet HTML 8Page - Texas Instruments CSD23280F3.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD23280F3 –12-V P-Channel FemtoFET™ MOSFET
1 Features
• Low On-Resistance
• Ultra-Low Qg and Qgd
• High-operating drain current
• Ultra-small footprint
– 0.73 mm × 0.64 mm
• Ultra-low profile
– 0.36-mm max height
• Integrated ESD protection diode
– Rated > 4-kV HBM
– Rated > 2-kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Battery applications
• Handheld and mobile applications
3 Description
This –12-V, 97-mΩ, P-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing a substantial
reduction in footprint size.
0.64 mm
0.73 mm
0.36 mm
Typical Part Dimensions
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
–12
V
Qg
Gate Charge Total (4.5 V)
0.95
nC
Qgd
Gate Charge Gate-to-Drain
0.068
nC
RDS(on)
Drain-to-Source
On-Resistance
VGS = –1.5 V
230
mΩ
VGS = –1.8 V
180
VGS = –2.5 V
129
VGS = –4.5 V
97
VGS(th)
Threshold Voltage
–0.65
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD23280F3
3000
7-Inch Reel
Femto
0.73-mm × 0.64-mm
Land Grid Array (LGA)
Tape
and
Reel
CSD23280F3T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
–12
V
VGS
Gate-to-Source Voltage
–6
V
ID
Continuous Drain Current(1)
2.9
A
Continuous Drain Current(2)
1.8
IDM
Pulsed Drain Current(1) (3)
11.4
A
PD
Power Dissipation(1)
1.4
W
Power Dissipation(2)
0.5
V(ESD)
Human-Body Model (HBM)
4000
V
Charged-Device Model (CDM)
2000
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1)
Typical RθJA = 90°C/W on 1-in2 (6.45-cm2), 2-oz (0.071-mm)
thick Cu pad on a 0.06-in (1.52-mm) thick FR4 PCB
(2)
Typical RθJA = 255°C/W on min Cu board
(3)
Pulse duration ≤ 100 μs, duty cycle ≤ 1%.
D
G
S
Top View
CSD23280F3
SLPS601B – APRIL 2016 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD23280F3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23280F3 TI1-CSD23280F3 Datasheet
1Mb / 14P
12V P-Channel FemtoFET MOSFET
CSD23280F3T TI1-CSD23280F3T Datasheet
1Mb / 14P
12V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD23280F3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com