Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDMMRG2KAS Datasheet(PDF) 4 Page - Arima Display Japan Co., Ltd

Part # EDMMRG2KAS
Description  Liquid Crystal Display Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIMA [Arima Display Japan Co., Ltd]
Direct Link  
Logo ARIMA - Arima Display Japan Co., Ltd

EDMMRG2KAS Datasheet(HTML) 4 Page - Arima Display Japan Co., Ltd

  EDMMRG2KAS Datasheet HTML 1Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 2Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 3Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 4Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 5Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 6Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 7Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 8Page - Arima Display Japan Co., Ltd EDMMRG2KAS Datasheet HTML 9Page - Arima Display Japan Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3−17
REFERENCE
SPECIFICATION
1A1M-0046
EDMMRG2KAS
NAME OF SPECIFICATION
NAME OF PARTS:
Spec. No.
Arima
Display
Japan
Co.,Ltd
Rev.1
2
3
4
5
6
4
ABSOLUTE
MAXIMUM
RATINGS (VSS,LED-Vss = 0V :GND, T a =+ 25 degree C)
NO
Items
Symbols
Min
Typ
Max
Unit
Remarks
1
Power supply for Logic
VDD
-0.3
−
4.6
V
(1),(2),(3)
2
Power supply for LED Driver
LED-V
LED-S
HDNX
-0.3
−
7.0
V
(1),(2),(4)
3
Input Voltage
Vi
-0.3
−
VDD+0.3
V
(1),(2),(3)
4
Operating
Temperature
Topr
-0
−
50
deg-C
(1),(5),(6),(8)
5
Storage
Temperature
Tstg
-30
−
60
deg-C
(1),(5)∼(7)
Remarks
(1)
No condensation is allowed.
(2)
Several input voltage is required on the VSS on the ground level.
(3)
The following relationship has to be kept: VDD>GND
(4)
The following relationship has to be kept: LED-V, LED-SHDNX>GND.
(5)
<=40 degree C : <=95%RH, =>40 degree C : <=40 degree C 95%RH ,<=0 degree C : no freezing ,
=>60 degree C : within 240 hounrs
(6) Optical characteristics of LCD will be changed depending on the temperature. The confirmation of
display quality and characteristics has to be done after temperature is set to 25 degree C and it
becomes stable.
(7) Deterioration of polarizer at higher than 61 degree C is taken no notice.
(8)
Life time of LEDs at higher than 41 degree C is taken no notice
5 Electrical
characteristics
5.1
DC
characteristics
of
LCD
module(VSS = 0V :GND, T a =+ 25 degree C)
Items
Symbol
Conditions
Spec.
Unit Remarks
MIN
TYP
MAX
Power supply for Logic
VDD
3.0
3.49
V
input ”High” level voltage
VIH
0.7VDD
−
VDD
V
input “Low” level voltage
VIL
-0.3
−
0.15VDD
V
output ”High” level voltage
VOH
IOH=-0.4mA
0.75VDD
−
−
V
output “Low” level voltage
VOL
IOL=0.1mA
0
−
0.15VDD
V
input/output leak current
ILi
Vin=0∼VDD
-10
−
1
µA
5.2
DC
characteristics
of
LED
Driver(VSS,LED-Vss = 0V :GND, T a =+ 25 degree C)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
unit Remarks
Power supply for Driver
LED-V
3.5
-
5.9
V
LED-SHDNX
”High”
level
voltage
EIH
1.4
-
-
V
LED-SHDNX
“Low”
level
voltage
EIL
-
-
0.4
V
LED-SHDNX
“High”
level
current.
IIH
LED-SHDNX
=5.5V
18.3
30.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com