Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P16SNM223MLB15 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P16SNM223MLB15
Description  Knob Potentiometer with Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16SNM223MLB15 Datasheet(HTML) 1 Page - Vishay Siliconix

  P16SNM223MLB15 Datasheet HTML 1Page - Vishay Siliconix P16SNM223MLB15 Datasheet HTML 2Page - Vishay Siliconix P16SNM223MLB15 Datasheet HTML 3Page - Vishay Siliconix P16SNM223MLB15 Datasheet HTML 4Page - Vishay Siliconix P16SNM223MLB15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P16S, PA16S
www.vishay.com
Vishay Sfernice
Revision: 06-Mar-17
1
Document Number: 51063
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Knob Potentiometer with Switch
The P16S is a revolutionary concept in panel mounted
potentiometers. This unique design consists of a knob
driving and incorporating a cermet potentiometer. Only the
mounting hardware and terminals are situated on the back
side of the panel reducing to a minimum the required
clearance.
FEATURES
• P16S - version for military, professional and
industrial applications (cermet): 1 W at 40 °C
• PA16S
-
version
for
professional
audio
applications (conductive plastic): 0.5 W at 40 °C
• Compact (integrated)
• Detent and electric cut off at beginning of travel
• Fully sealed and panel sealed
• Metallic or plastic knob options
• Custom knob on request
• Test according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
P16SNP
P16SNM
PANEL CUTOUT
Panel sealing ring
Thickness nut 2 mm
washer 1.5 mm
Thread M10 x 0.75
12 wrench
9.6
8.8
13.5 ± 1
15.5 ± 1
7.2
Panel sealing ring
Thickness nut 2 mm
washer 1.5 mm
Thread M10 x 0.75
12 wrench
10.2
9.4
7.2
13.5 ± 1
15.5 ± 1
ø 10
+ 0.1
+ 0
8.1
+ 0.1
+ 0
Panel thickness max.: 3 mm
3 terminals
0.3
8
c
30
a
1.8
b
Reference mark
Ø 16


Similar Part No. - P16SNM223MLB15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P16SNM223MLB15 VISHAY-P16SNM223MLB15 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
More results

Similar Description - P16SNM223MLB15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
P16S VISHAY-P16S Datasheet
106Kb / 5P
Knob Potentiometer with Switch
24-Sep-15
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
Trimpot 10K with Knob
5??5??7
logo
Vishay Siliconix
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com