Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX330F064L Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC32MX330F064L
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330F064L Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC32MX330F064L Datasheet HTML 90Page - Microchip Technology PIC32MX330F064L Datasheet HTML 91Page - Microchip Technology PIC32MX330F064L Datasheet HTML 92Page - Microchip Technology PIC32MX330F064L Datasheet HTML 93Page - Microchip Technology PIC32MX330F064L Datasheet HTML 94Page - Microchip Technology PIC32MX330F064L Datasheet HTML 95Page - Microchip Technology PIC32MX330F064L Datasheet HTML 96Page - Microchip Technology PIC32MX330F064L Datasheet HTML 97Page - Microchip Technology PIC32MX330F064L Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 360 page
background image
10.1
Control Registers
TABLE 10-1:
DMA GLOBAL REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
3000 DMACON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
—
SUSPEND DMABUSY
—
—
—
—
—
—
—
—
—
—
—
0000
3010 DMASTAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
RDWR
DMACH<2:0>
0000
3020 DMAADDR
31:16
DMAADDR<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.2 “CLR, SET, and INV Registers” for
more information.
TABLE 10-2:
DMA CRC REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
3030 DCRCCON
31:16
—
—
BYTO<1:0>
WBO
—
—
BITO
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
PLEN<4:0>
CRCEN
CRCAPP CRCTYP
—
—
CRCCH<2:0>
0000
3040 DCRCDATA
31:16
DCRCDATA<31:0>
0000
15:0
0000
3050 DCRCXOR
31:16
DCRCXOR<31:0>
0000
15:0
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.2 “CLR, SET, and INV Registers” for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com